| Electronic Components Datasheet Search |
|
STM32WLE5CCU6TR Datasheet(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCU6TR Datasheet(HTML) 111 Page - STMicroelectronics |
|
111 / 145 page ![]() DS13105 Rev 8 111/145 STM32WLE5/E4xx Electrical characteristics 133 Input/output AC characteristics Unless otherwise specified, the parameters given in the table below are derived from tests performed under the ambient temperature and supply voltage conditions summarized in Table 25: General operating conditions. Table 73. Output voltage characteristics(1) Symbol Parameter Conditions Min Max Unit VOL(2) Output low-level voltage for an I/O pin CMOS port(3) |IIO| = 8 mA, VDD ≥ 2.7 V -0.4 V VOH(2) Output high-level voltage for an I/O pin VDD - 0.4 - VOL(2) Output low-level voltage for an I/O pin TTL port(3) |IIO| = 8 mA, VDD ≥ 2.7 V -0.4 VOH(2) Output high-level voltage for an I/O pin 2.4 - VOL(2) Output low-level voltage for an I/O pin |IIO| = 20 mA, VDD ≥ 2.7 V -1.3 VOH(2) Output high-level voltage for an I/O pin VDD - 1.3 - VOL(2) Output low-level voltage for an I/O pin |IIO| = 4 mA, VDD ≥ 1.8 V -0.4 VOH(2) Output high-level voltage for an I/O pin VDD - 0.45 - VOLFM+(2) Output low-level voltage for an FT I/O pin in FM+ mode (FT I/O with “f” option) |IIO| = 20 mA, VDD ≥ 2.7 V - 0.4 |IIO| = 10 mA, VDD ≥ 1.8 V - 0.4 1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 21: Voltage characteristics. The sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always respect the absolute maximum ratings Σ IIO. 2. Guaranteed by design. 3. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52. Table 74. I/O AC characteristics(1)(2) OSPEEDx[1:0](3) Symbol Parameter Conditions Min Max Unit 0b00 Fmax Maximum frequency C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V - 5 MHz C = 50 pF, 1.8 V ≤ VDD ≤ 2.7 V - 1 C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V - 10 C = 10 pF, 1.8 V ≤ VDD ≤ 2.7 V - 1.5 Tr/Tf Output rise and fall time C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V - 25 ns C = 50 pF, 1.8 V ≤ VDD ≤ 2.7 V - 52 C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V - 17 C = 10 pF, 1.8 V ≤ VDD ≤ 2.7 V - 37 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |