| Electronic Components Datasheet Search |
|
STM32WLE5CCY7TR Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCY7TR Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 145 page ![]() DS13105 Rev 8 77/145 STM32WLE5/E4xx Electrical characteristics 133 Figure 15. VREFINT versus temperature 5.3.7 Supply current characteristics The current consumption is a function of several parameters and factors such as operating voltage, ambient temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program location in memory and executed binary code. The current consumption is measured as described in Figure 14. Typical and maximum current consumption The device is put under the following conditions: • All I/O pins are in analog input mode. • All peripherals are disabled, except when explicitly mentioned. • The Flash memory access time is adjusted with the minimum wait-states number, depending on the fHCLK frequency. Refer to the table ‘Number of wait states according to Flash clock (HCLK3) frequency’ in the reference manual (RM0461). • fPCLK = fHCLK when the peripherals are enabled. • fPCLK = fHCLK = fHCLKS for the Flash memory and shared peripherals. Parameters given in the tables below (Table 36 to Table 52) are derived from tests performed under ambient temperature and supply voltage conditions summarized in Table 25: General operating conditions. MSv66005V3 1.185 1.19 1.195 1.2 1.205 1.21 1.215 1.22 1.225 1.23 1.235 -40 -20 0 20 40 60 80 100 120 V °C Mean Min Max |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |