| Electronic Components Datasheet Search |
|
STM32WLE4JCY7TR Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCY7TR Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 145 page ![]() DS13105 Rev 8 29/145 STM32WLE5/E4xx Functional overview 48 HSI16, depending on the software configuration. • Standby mode: VCORE domain is powered off. However, it is possible to preserve the SRAM2 content as detailed below: – Standby mode with SRAM2 retention when the RRS bit is set in the PWR control register 3 (PWR_CR3). In this case, SRAM2 is supplied by the low-power regulator. – Standby mode when the RRS bit is cleared in the PWR control register 3 (PWR_CR3). In this case the main regulator and the low-power regulator are powered off. All clocks in the VCORE domain are stopped. PLL, MSI, HSI16 and HSE32 are disabled. LSI and LSE can be kept running. Th RTC can remain active (Standby mode with RTC, Standby mode without RTC). The sub-GHz radio and the PVD may also remain active when enabled independent from the CPU. In Standby mode, the PVD selects its lowest level. The system clock, when exiting Standby modes, is MSI at 4 MHz. • Shutdown mode: VCORE domain is powered off. All clocks in the VCORE domain are stopped. PLL, MSI, HSI16, LSI and HSE32 are disabled. LSE can be kept running. The system clock when exiting the Shutdown mode, is MSI at 4 MHz. In this mode, the supply voltage monitoring is disabled and the product behavior is not guaranteed in case of a power voltage drop. The table below summarizes the peripheral features over all available modes. Wakeup capability is detailed in gray cells. Table 7. Functionalities depending on system operating mode(1) Peripheral Stop 0 Stop 1 Stop 2 Standby Shutdown - - - - - CPU Y R Y R R -R -R -- -- -- Sub-GHz radio system O O O O O OO OO OO O- -- Flash memory (up to 256 Kbytes) YO(2) O(3) O(2) (3) R -R -R -R -R -R Flash memory interface Y Y Y Y R -R -R -- -- -- SRAM1 Y O(2) YO(2) R -R -R -- -- -- SRAM2 Y O(2) YO(2) R -R -R -O(4) -- -- Backup registers Y Y Y Y R -R -R -R -R -R Brownout reset (BOR) Y Y Y Y Y YY YY YY Y- -- Programmable voltage detector (PVD) OO O O O OO OO OO(5) O(5) - -- Peripheral voltage monitor (PVM3) OO O O O OO OO O- -- -- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |