| Electronic Components Datasheet Search |
|
STM32WLE5C8U6XXX Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5C8U6XXX Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 145 page ![]() Functional overview STM32WLE5/E4xx 16/145 DS13105 Rev 8 The MPU is especially helpful for applications where some critical or certified code must be protected against the misbehavior of other tasks. It is usually managed by an RTOS (real- time operating system). If a program accesses a memory location that is prohibited by the MPU, the RTOS can detect it and take action. In an RTOS environment, the kernel can dynamically update the MPU area setting, based on the process to be executed. The MPU is optional and can be bypassed for applications that do not need it. 3.5 Memories 3.5.1 Embedded Flash memory The Flash memory interface manages the accesses from CPU AHB ICode/DCode to the Flash memory. It implements the access, the erase and program Flash memory operations, and the read and write protection. The main features of the Flash memory are listed below: • Memory organization: 1 bank – main memory: up to 256 Kbytes – page size: 2 Kbytes • 72-bit wide data read (64 bits plus 8 ECC bits) • 72-bit wide data write (64 bits plus 8 ECC bits) • Page erase and mass erase Flexible protections can be configured thanks to option bytes: • Readout protection (RDP) to protect the whole memory. Three levels are available: – Level 0: no readout protection – Level 1: memory readout protection. The Flash memory cannot be read from or written to if either debug features are connected, boot in SRAM or bootloader is selected. – Level 2: chip readout protection. Debug features (JTAG and serial wire), boot in SRAM and bootloader selection are disabled (JTAG fuse). This selection is irreversible. Table 3. Access status versus RDP level and execution mode Area RDP level User execution Debug, boot from SRAM or boot from system memory (loader) Read Write Erase Read Write Erase Main memory 1 Yes Yes Yes No No No 2 Yes Yes Yes NA NA NA System memory 1Yes No No Yes No No 2 Yes No No NA NA NA Option bytes 1 Yes Yes Yes Yes Yes Yes 2Yes No(1) No(1) NA NA NA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |