Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB251 Datasheet(PDF) 16 Page - ON Semiconductor

Part # FUSB251
Description  Type-C CC and SBU Protection IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB251 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FUSB251 Datasheet HTML 11Page - ON Semiconductor FUSB251 Datasheet HTML 12Page - ON Semiconductor FUSB251 Datasheet HTML 13Page - ON Semiconductor FUSB251 Datasheet HTML 14Page - ON Semiconductor FUSB251 Datasheet HTML 15Page - ON Semiconductor FUSB251 Datasheet HTML 16Page - ON Semiconductor FUSB251 Datasheet HTML 17Page - ON Semiconductor FUSB251 Datasheet HTML 18Page - ON Semiconductor FUSB251 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
FUSB251
www.onsemi.com
16
TIMER
Address: 0Ah
Reset Value: 0x0000_0100
Type: Read / Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:3
NU
R
5
Do not use
2:0
TDRY
R/W
3
000 : 50 ms
001 : 100 ms
010 : 250 ms
011 : 1 sec
100 : 2 sec
101 : 4 sec
110 : 8 sec
111 : 10 sec
RESET
Address: 0Bh
Reset Value: 0x0000_0100
Type: Read / Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:2
NU
R
6
Do not use
1
MOS Reset
R/W/C
1
1 : Reset moisture detection state machine and clear moisture
status, Read returns ‘0’.
This register bit resets moisture detection state machine and
moisture status register is cleared. Control register is not affected
by this bit. If any moisture detection enable bit was set, moisture
detection will restart by MOS Reset
0
Reset
R/W/C
1
1 : Reset the device, Read returns ‘0’
The Device Reset includes FM pin configuration so FM pin status
is checked after this Reset
TIMER2
Address: 0Ch
Reset Value: 0x0000_0100
Type: Read / Write
Bit #
Name
R/W/C
Size (Bits)
Description
7:4
NU
R
4
Do not use
3:2
Number of ADC Read
R/W
2
00 : 1 time
01 : 2 times
10 : 3 timers
11 : Do not use(no change)
1:0
CC Settle time
R/W
2
00 : 400 ms
01 : 300 ms
10 : 500 ms
11 : 600 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com