Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH2R02AY Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH2R02AY
Description  Automotive 200 V, 2 A ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R02AY Datasheet(HTML) 7 Page - STMicroelectronics

  STTH2R02AY Datasheet HTML 1Page - STMicroelectronics STTH2R02AY Datasheet HTML 2Page - STMicroelectronics STTH2R02AY Datasheet HTML 3Page - STMicroelectronics STTH2R02AY Datasheet HTML 4Page - STMicroelectronics STTH2R02AY Datasheet HTML 5Page - STMicroelectronics STTH2R02AY Datasheet HTML 6Page - STMicroelectronics STTH2R02AY Datasheet HTML 7Page - STMicroelectronics STTH2R02AY Datasheet HTML 8Page - STMicroelectronics STTH2R02AY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3
Ordering information
Figure 13. Ordering information scheme
STTH 2 R 02 AY
Ultrafast switching diode
Average forward current
2 = 2 A
02 = 200 V
A = SMA in tape and reel
Y = Automotive grade
Model R
Package
Repetitive peak reverse voltage
Table 6. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STTH2R02AY
2R2AY
SMA
68 mg
5000
Tape and reel
STTH2R02AY
Ordering information
DS13660 - Rev 1
page 7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com