Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB714A Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSB714A
Description  Precision rail-to-rail input / output 36 V, 6 MHz op-amps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB714A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSB714A Datasheet HTML 16Page - STMicroelectronics TSB714A Datasheet HTML 17Page - STMicroelectronics TSB714A Datasheet HTML 18Page - STMicroelectronics TSB714A Datasheet HTML 19Page - STMicroelectronics TSB714A Datasheet HTML 20Page - STMicroelectronics TSB714A Datasheet HTML 21Page - STMicroelectronics TSB714A Datasheet HTML 22Page - STMicroelectronics TSB714A Datasheet HTML 23Page - STMicroelectronics TSB714A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Where:
ΔVio is the long term drift parameter in µV.month-1/2
top is the operating time seen by the device, in months
Top is the operating temperature
VCC is the power supply during operating time
VCC nom is the nominal VCC at which the ΔVio is computed (36 V for the TSB712A).
Ea is the activation energy of the technology (here 0.7 eV).
5.6
EMI rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op-amps is a change in the offset voltage as a result of RF
signal rectification. EMIRR is defined as follows:
EMIRR=20.log VinppΔVio
(9)
The TSB711, TSB711A, TSB712, TSB712A have been specially designed to minimize susceptibility to EMIRR
and shows a low sensitivity. As visible on figure below, EMI rejection ratio has been measured on both inputs and
outputs, from 400 MHz to 2.4 GHz.
Figure 44. EMIRR on In+, In- and out pins
EMIRR performance might be improved by adding small capacitances (in the pF range) on the inputs, power
supply and output pins. These capacitances help in minimizing the impedance of these nodes at high frequencies.
TSB711, TSB711A, TSB712, TSB712A, TSB714, TSB714A
EMI rejection
DS12487 - Rev 6
page 20/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com