Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV7721ILT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSV7721ILT
Description  High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7721ILT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSV7721ILT Datasheet HTML 15Page - STMicroelectronics TSV7721ILT Datasheet HTML 16Page - STMicroelectronics TSV7721ILT Datasheet HTML 17Page - STMicroelectronics TSV7721ILT Datasheet HTML 18Page - STMicroelectronics TSV7721ILT Datasheet HTML 19Page - STMicroelectronics TSV7721ILT Datasheet HTML 20Page - STMicroelectronics TSV7721ILT Datasheet HTML 21Page - STMicroelectronics TSV7721ILT Datasheet HTML 22Page - STMicroelectronics TSV7721ILT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
5
Application information
5.1
Operating voltages
The TSV7722 device can operate from 1.8 to 5.5 V. The parameters are fully specified at 1.8 V, 3.3 V
and 5 V power supplies. However, the parameters are very stable over the full VCC range and several
characterization curves show the TSV7722 device characteristics over the full operating range. Additionally, the
main specifications are guaranteed in extended temperature range from - 40 to 125 °C.
The TSV7722 device is low rail input, and rail-to-rail output. The common-mode operating range is from Vcc- -
0.1 V, to Vcc+ - 1.1 V. The op amp Vio is trimmed at Vcc = 3.3 V, Vicm = 0 V, and thus the DC precision is optimized
for operation with Vicm close to Vcc-.
5.2
Input offset voltage drift over the temperature
The maximum input voltage drift variation overtemperature is defined as the offset variation related to the offset
value measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and
the amplifier input offset is a major contributor to the chain accuracy. The signal chain accuracy at 25 °C can be
compensated during production at application level. The maximum input voltage drift overtemperature enables the
system designer to anticipate the effect of temperature variations.
The maximum input voltage drift overtemperature is computed using the following equation:
∆Vio∆T=maxVioT−Vio25°C
T−25°C
(1)
Where T = - 40 °C and 125 °C.
The TSV7721, TSV7722, TSV7723 datasheet maximum value is guaranteed by measurements on a
representative sample size ensuring a Cpk (process capability index) greater than 1.3.
5.3
Unused channel
When one of the two channels of the TSV7722 is not used, it must be properly connected in order to avoid
internal oscillations that can negatively impact the signal integrity on the other channel, as well as the current
consumption. Two different configurations can be used:
Gain configuration: the channel can be set in gain, the input can be set to any voltage within the Vicm operating
range.
Comparator configuration: the channel can be set to a comparator configuration (without negative feedback). In
this case, positive and negative inputs can be set to any value provided these values are significantly different
(100 mV or more, to avoid oscillation between positive and negative state).
5.4
EMI rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification. EMIRR is defined in Eq. (2):
EMIRR=20.log Vin pp∆Vio
(2)
The TSV7722 has been specially designed to minimize susceptibility to EMIRR and shows a low sensitivity. As
can be seen in Figure 46. EMIRR on In+, In- and Out pins, EMI rejection ratio has been measured on both inputs
and output, from 400 MHz to 2.4 GHz.
TSV7721, TSV7722, TSV7723
Application information
DS13614 - Rev 3
page 19/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com