Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Figure 8-6 shows a triangular voltage signal directly driving SS/TRK and the corresponding output voltage
tracking response. Nominal output voltage here is 5 V, with oscilloscope channel scaling chosen such that the
waveforms overlap during tracking. As expected, the PGOOD flag transitions at thresholds of 94% (rising) and
92% (falling) of the nominal output voltage setpoint.
Two practical tracking configurations, ratiometric and coincident, are shown in Figure 8-7. The most common
application is coincident tracking, used in core versus I/O voltage tracking in DSP and FPGA implementations.
Coincident tracking forces the master and slave channels to have the same output voltage ramp rate until the
slave output reaches its regulated setpoint. Conversely, ratiometric tracking sets the output voltage of the slave
to a fraction of the output voltage of the master during start-up.
5
FB
LM5146
3
SS/TRK
RTRK1
RTRK2
26.7 k
10 k
VOUTSLAVE1 = 1.8 V
RFB1
RFB2
12.5 k
10 k
0.8 V
5
FB
LM5146
3
SS/TRK
RTRK3
RTRK4
20 k
RFB3
RFB4
10 k
20 k
0.8 V
VOUTSLAVE2 = 1.2 V
VOUTMASTER = 3.3 V
Slave regulator #1
Ratiometric tracking
Slave regulator #2
Coincident tracking
8
SYNCIN
SYNCOUT
from Master
CSS1
2.2 nF
CSS2
2.2 nF
8
SYNCIN
10 k
Figure 8-7. Tracking Implementation with Master, Ratiometric Slave, and Coincident Slave Rails
For coincident tracking, connect the SS/TRK input of the slave regulator to a resistor divider from the output
voltage of the master that is the same as the divider used on the FB pin of the slave. In other words, simply
select RTRK3 = RFB3 and RTRK4 = RFB4 as shown in Figure 8-7. As the master voltage rises, the slave voltage
rises identically (aside from the 80-mV offset from SS/TRK to FB when VFB is below 0.8 V). Eventually, the slave
voltage reaches its regulation voltage, at which point the internal reference takes over the regulation while the
SS/TRK input continues to 115 mV above FB, and no longer controls the output voltage.
In all cases, to ensure that the output voltage accuracy is not compromised by the SS/TRK voltage being too
close to the 0.8-V reference voltage, the final value of the SS/TRK voltage of the slave should be at least 100
mV above FB.
8.3.8 Voltage-Mode Control (COMP)
The LM5146 incorporates a voltage-mode control loop implementation with input voltage feedforward to
eliminate the input voltage dependence of the PWM modulator gain. This configuration allows the controller
to maintain stability throughout the entire input voltage operating range and provides optimal response to input
voltage transient disturbances. The constant gain provided by the controller greatly simplifies loop compensation
design because the loop characteristics remain constant as the input voltage changes, unlike a buck converter
without voltage feedforward. An increase in input voltage is matched by a concomitant increase in ramp voltage
amplitude to maintain constant modulator gain. The input voltage feedforward gain, kFF, is 15, equivalent to the
input voltage divided by the ramp amplitude, VIN/VRAMP. See Section 9.1.3 for more detail.
8.3.9 Gate Drivers (LO, HO)
The LM5146 gate driver impedances are low enough to perform effectively in high output current applications
where large die-size or paralleled MOSFETs with correspondingly large gate charge, QG, are used. Measured
at VVCC = 7.5 V, the low-side driver of the LM5146 has a low impedance pulldown path of 0.9 Ω to minimize
the effect of dv/dt induced turn-on, particularly with low gate-threshold voltage MOSFETs. Similarly, the high-side
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com