Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1EXV4 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M1EXV4
Description  Multi-channel Super-mini Signal Conditioners with Display M1E-4 Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXV4 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M1EXV4 Datasheet HTML 1Page - M-System Co.,Ltd. M1EXV4 Datasheet HTML 2Page - M-System Co.,Ltd. M1EXV4 Datasheet HTML 3Page - M-System Co.,Ltd. M1EXV4 Datasheet HTML 4Page - M-System Co.,Ltd. M1EXV4 Datasheet HTML 5Page - M-System Co.,Ltd. M1EXV4 Datasheet HTML 6Page - M-System Co.,Ltd. M1EXV4 Datasheet HTML 7Page - M-System Co.,Ltd. M1EXV4 Datasheet HTML 8Page - M-System Co.,Ltd. M1EXV4 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MODEL: M1EXV-4
M1EXV-4 SPECIFICATIONS
ES-6040 Rev.2 Page 2/10
https://www.m-system.co.jp/
current output not greater than 0 mA)
Zero fine adjustment: -5 to +5 % (front button)
Span fine adjustment: 95 to 105 % (front button)
Configuration: Program with front buttons or Via PC.
Programmable features include: Refer to the parameter list.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
■Recommended solderless terminal size - M3 (unit: mm)
12max
3max
4min
3.2 dia.
(mm)
DISPLAY
Display functions: Displays and sets measured range,
engineering unit
Display size: Approx. 15.6 × 20.8 mm (0.61” × 0.82”)
Number of pixels: 68 × 95 (horizontal × vertical)
Character color: Yellow
Display life: Approx. 40000 hours
(Expected time for the Display brightness to be reduced to
50 % when the Display is used continuously with brightness
setting 2 in 25 ℃)
Display type: OEL display
Display digit: Negative 5 digits, positive 6 digits (-99999 to
999999)
Decimal point position: Selectable
INPUT SPECIFICATIONS
■ DC Current
Input resistance: Precision resistor module (0.5 W) provided
Input range: 0 - 20 mA DC
Minimum span: 1 mA
The measurement available for -5 - +105% of input setting
range.
■ DC Voltage
•Narrow Spans (mV)
Input range: -5 – +5 V DC
Minimum span: 250 mV
•Wide Spans (V)
Input range: -10 – +10 V DC
Minimum span: 1 V
Input resistance: 1 MΩ minimum
The measurement available for -5 - +105% of input setting
range.
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 21mA DC
Minimum span: 1 mA
Load resistance: Output drive 15 V max.
(e.g. 4 – 20 mA: 750 Ω [15 V ÷ 20 mA])
(Not available to output less than 0 mA, output range may
not be extended to -5 %)
■ DC Voltage
•Narrow Spans (mV)
Output range: -5 - +5 V DC
Conformance range: -5.5 - +5.5 V DC
Minimum span: 250 mV
•Wide Spans (V)
Output range: -10 - +10 V DC
Conformance range: -11 - +11 V DC
Minimum span: 1 V
Load resistance: 10 kΩ min.
INSTALLATION
Power consumption
•DC: ≤ 5 W
Operating temperature: -5 to +55°C (23 to 131°F)
Storage temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 130 g (0.29 lb) except base
PERFORMANCE
Accuracy: Input accuracy + output accuracy
input accuracy + (output accuracy × segment gain) when
segment gain > 1
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Inversely proportional to the setting span.
Input accuracy: (% of max. input range): ±0.03 %
Display accuracy:
Input display: Input accuracy ±1 digit
Output display: Input accuracy + output accuracy ±1 digit
Output accuracy: (% of max. output range)
0 - 20 mA: ±0.06 %
-5 - +5 V: ±0.03 %
-10 - +10 V: ±0.03 %
Temp. coefficient (% of max. I/O range): ±0.015 %/°C
(±0.008 %/°F)
Response time (filter time constant: 0 sec.): ≤ 0.5 sec.
(0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Ch1 input to ch2 input to ch3 input to ch4 input to



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com