Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1EXV Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M1EXV
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXV Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M1EXV Datasheet HTML 1Page - M-System Co.,Ltd. M1EXV Datasheet HTML 2Page - M-System Co.,Ltd. M1EXV Datasheet HTML 3Page - M-System Co.,Ltd. M1EXV Datasheet HTML 4Page - M-System Co.,Ltd. M1EXV Datasheet HTML 5Page - M-System Co.,Ltd. M1EXV Datasheet HTML 6Page - M-System Co.,Ltd. M1EXV Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: M1EXV-2
M1EXV-2 SPECIFICATIONS
ES-5982 Rev.4 Page 5/7
https://www.m-system.co.jp/
PARAMETER LIST
It is available to con gure or con rm settings shown below by using front button. Con guring or con rming with PC is
available when using M1E con gurator software (model: M1ECFG).
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Ch1 Setting
01
Lockout setting
Lock / Unlock
–
Lock
11
Ch1 Input range
0 – 50 mA
-1000 – +1000 mV
-10 – +10 V
–
0 – 50 mA
12
Ch1 0 % input setting
0.00 – 48.00
-1000.0 – 900.0
-10.000 – 9.000
mA
mV
V
4.00
13
Ch1 100 % input setting
2.00 – 50.00
-900.0 – 1000.0
-9.000 – 10.000
mA
mV
V
20.00
14
Ch1 0 % input scaling
-99999 – 999999
–
0.00
15
Ch1 100 % input scaling
-99999 – 999999
–
100.00
16
Ch1 Input decimal point
No decimal point
The number of decimal places: 1 – 5
–
2 places of decimals
17
Ch1 Unit (INP Scaling)
Choose from 68 types*
–
%
18
Ch1 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
–
0 – 20 mA
19
Ch1 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
20
Ch1 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
79
Ch1 Filter time constant
0 – 30
sec.
0
80
Ch1 Input Zero fine adjust
-5.000 – 5.000
%
0.000
81
Ch1 Input Span fine adjust
95.000 – 105.000
%
100.000
82
Ch1 Output Zero fine adjust
-5.000 – 5.000
%
0.000
83
Ch1 Output Span fine adjust
95.000 – 105.000
%
100.000
89
Ch1 Loop test
-5.00 – 105.00
%
Cancel
Ch2 Setting
111
Ch2 Input range
0 – 50 mA
-1000 – +1000 mV
-10 – +10 V
–
0 – 50 mA
112
Ch2 0 % input setting
0.00 – 48.00
-1000.0 – 900.0
-10.000 – 9.000
mA
mV
V
4.00
113
Ch2 100 % input setting
2.00 – 50.00
-900.0 – 1000.0
-9.000 – 10.000
mA
mV
V
20.00
114
Ch2 0 % input scaling
-99999 – 999999
–
0.00
115
Ch2 100 % input scaling
-99999 – 999999
–
100.00
116
Ch2 Input decimal point
No decimal point
The number of decimal places: 1 – 5
–
2 places of decimals
117
Ch2 Unit (INP Scaling)
Choose from 68 types*
–
%
118
Ch2 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
–
0 – 20 mA
119
Ch2 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
120
Ch2 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
179
Ch2 Filter time constant
0 – 30
sec.
0
180
Ch2 Input Zero fine adjust
-5.000 – 5.000
%
0.000
181
Ch2 Input Span fine adjust
95.000 – 105.000
%
100.000
182
Ch2 Output Zero fine adjust
-5.000 – 5.000
%
0.000
183
Ch2 Output Span fine adjust
95.000 – 105.000
%
100.000
189
Ch2 Loop test
-5.00 – 105.00
%
Cancel
01
Lockout setting
Lock / Unlock
–
Lock



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com