Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1EXS Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M1EXS
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXS Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M1EXS Datasheet HTML 1Page - M-System Co.,Ltd. M1EXS Datasheet HTML 2Page - M-System Co.,Ltd. M1EXS Datasheet HTML 3Page - M-System Co.,Ltd. M1EXS Datasheet HTML 4Page - M-System Co.,Ltd. M1EXS Datasheet HTML 5Page - M-System Co.,Ltd. M1EXS Datasheet HTML 6Page - M-System Co.,Ltd. M1EXS Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: M1EXS-2
M1EXS-2 SPECIFICATIONS
ES-5986 Rev.2 Page 5/7
https://www.m-system.co.jp/
PARAMETER LIST
It is available to configure or confirm settings shown below by using front button. Configuring or confirming with PC is
available when using M1E configurator software (model: M1ECFG).
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Ch1 Setting
01
Lockout setting
Lock / Unlock
–
Lock
06
Ch1 Angle offset
–
Deg.
0.00
07
Ch1 Angle span
60.00 – 359.99
Deg.
270.00
08
Ch1 Rotating direction
CW / CCW
–
CW
14
Ch1 0 % input scaling
-99999 – 999999
–
0.00
15
Ch1 100 % input scaling
-99999 – 999999
–
100.00
16
Ch1 Input decimal point
No decimal point
The number of decimal places: 1 – 5
–
2 places of decimals
17
Ch1 Unit (INP Scaling)
Choose from 68 types*
–
%
18
Ch1 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
–
0 – 20 mA
19
Ch1 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
20
Ch1 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
28
Ch1 Overrange output < 0 %
-5.00 – 0.00
%
-5.00
29
Ch1 Overrange output > 100 % -100.00 – 105.00
%
105.00
79
Ch1 Filter time constant
0 – 30
sec.
0
82
Ch1 Output Zero fine adjust
-5.000 – 5.000
%
0.000
83
Ch1 Output Span fine adjust
95.000 – 105.000
%
100.000
89
Ch1 Loop test
-5.00 – 105.00
%
Cancel
Ch2 Setting
106
Ch2 Angle offset
–
Deg.
0.00
107
Ch2 Angle span
60.00 – 359.99
Deg.
270.00
108
Ch2 Rotating direction
CW / CCW
–
CW
114
Ch2 0 % input scaling
-99999 – 999999
–
0.00
115
Ch2 100 % input scaling
-99999 – 999999
–
100.00
116
Ch2 Input decimal point
No decimal point
The number of decimal places: 1 – 5
–
2 places of decimals
117
Ch2 Unit (INP Scaling)
Choose from 68 types*
–
%
118
Ch2 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
–
0 – 20 mA
119
Ch2 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
120
Ch2 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
128
Ch2 Overrange output < 0 %
-5.00 – 0.00
%
-5.00
129
Ch2 Overrange output > 100 % -100.00 – 105.00
%
105.00
179
Ch2 Filter time constant
0 – 30
sec.
0
182
Ch2 Output Zero fine adjust
-5.000 – 5.000
%
0.000
183
Ch2 Output Span fine adjust
95.000 – 105.000
%
100.000
189
Ch2 Loop test
-5.00 – 105.00
%
Cancel
01
Lockout setting
Lock / Unlock
–
Lock



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com