Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1EXM Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # M1EXM
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXM Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  M1EXM Datasheet HTML 1Page - M-System Co.,Ltd. M1EXM Datasheet HTML 2Page - M-System Co.,Ltd. M1EXM Datasheet HTML 3Page - M-System Co.,Ltd. M1EXM Datasheet HTML 4Page - M-System Co.,Ltd. M1EXM Datasheet HTML 5Page - M-System Co.,Ltd. M1EXM Datasheet HTML 6Page - M-System Co.,Ltd. M1EXM Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: M1EXM-2
M1EXM-2 SPECIFICATIONS
ES-5983 Rev.2 Page 7/7
https://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm [inch]
2–M4 SCREW
* Mounting requirements for base.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
6
7
13
16
17
18
CH1 POTENTIOMETER
CH2 POTENTIOMETER
1
4
5
3
3
2
1
Max.
Min.
+
–
1
9
10
8
3
2
1
Max.
Min.
+
–
CONFIGURATOR
JACK
11
12
+
–
CH1 OUTPUT
14
15
+
–
CH2 OUTPUT
19
20
POWER
U(+)
V(–)
Low Drift
Amplifie
Low Drift
Amplifie
Isolation
Isolation
Digital
Computation
Circuit
Isolation
Isolation
Output
Driver
Output
Driver
Front
Button
Display
Circuit
Base
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com