Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTWT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LTWT
Description  Power Transducer Series LT-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTWT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LTWT Datasheet HTML 1Page - M-System Co.,Ltd. LTWT Datasheet HTML 2Page - M-System Co.,Ltd. LTWT Datasheet HTML 3Page - M-System Co.,Ltd. LTWT Datasheet HTML 4Page - M-System Co.,Ltd. LTWT Datasheet HTML 5Page - M-System Co.,Ltd. LTWT Datasheet HTML 6Page - M-System Co.,Ltd. LTWT Datasheet HTML 7Page - M-System Co.,Ltd. LTWT Datasheet HTML 8Page - M-System Co.,Ltd. LTWT Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: LTWT
LTWT SPECIFICATIONS
ES-3355 Rev.18 Page 3/9
https://www.m-system.co.jp/
• Single-phase / 2-wire
INPUT
BURDEN (VA)
STD.RANGE
USABLE
RANGE
VT
CT
1/1
1/2
1/5
±100 W
±200 W
±500 W
0.2
0.1
0.2
0.5
±50 – ±120 W
±100 – ±240 W
±250 – ±600 W
VT/CT CODE
2/1
2/2
2/5
±200 W
±400 W
±1000 W
0.4
0.1
0.2
0.5
±200 – ±480 W
±500 – ±1200 W
4/1
4/2
4/5
±400 W
±800 W
±2000 W
0.6
0.1
0.2
0.5
±400 – ±960 W
±1000 – ±2400 W
±100 – ±240 W
±200 – ±480 W
• Single-phase / 3-wire
INPUT
BURDEN (VA)
STD.RANGE
USABLE
RANGE
VT
CT
A/1
A/2
A/5
±200 W
±400 W
±1000 W
0.2
/phase
0.1/ph
0.2/ph
0.5/ph
±100 – ±240 W
VT/CT CODE
±200 – ±480 W
±500 – ±1200 W
• 3-phase / 3-wire
INPUT
BURDEN (VA)
STD.RANGE
USABLE
RANGE
VT
CT
1/1
1/2
1/5
±200 W
±400 W
±1000 W
0.2
/phase
0.1/ph
0.2/ph
0.5/ph
±100 – ±240 W
±200 – ±480 W
±500 – ±1200 W
VT/CT CODE
2/1
2/2
2/5
±400 W
±800 W
±2000 W
0.4
/phase
0.1/ph
0.2/ph
0.5/ph
±400 – ±960 W
±1000 – ±2400 W
4/1
4/2
4/5
±800 W
±1600 W
±4000 W
0.6
/phase
0.1/ph
0.2/ph
0.5/ph
±800 – ±1920 W
±2000 – ±4800 W
±200 – ±480 W
±400 – ±960 W
• 3-phase / 4-wire
INPUT
BURDEN (VA)
STD.RANGE
USABLE
RANGE
VT
CT
1/1
1/2
1/5
±200 W
±400 W
±1000 W
0.1
/phase
0.1/ph
0.2/ph
0.5/ph
±100 – ±240 W
±200 – ±480 W
±500 – ±1200 W
VT/CT CODE
2/1
2/2
2/5
±400 W
±800 W
±2000 W
0.3
/phase
0.1/ph
0.2/ph
0.5/ph
±400 – ±960 W
±1000 – ±2400 W
4/1
4/2
4/5
±800 W
±1600 W
±4000 W
0.4
/phase
0.1/ph
0.2/ph
0.5/ph
±800 – ±1920 W
±2000 – ±4800 W
±200 – ±480 W
±400 – ±960 W
OUTPUT SPECIFICATIONS
■DC Output
• DC Current: -10 – +20 mA DC
Span: Min. 1 mA, max. 20 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 10 V max.
• DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max. at ≥ 0.5 V
■ Pulse output: Open collector
0 Hz at 0 W (cutout at approx. 0.5 – 1.0 %)
Rating: 35 V DC @ 100 mA
ON voltage: ≤ 1 V at 100 mA
ON duration: Max. 0.5 sec., min. 50 msec. (approx.)
Frequency range: 0 – 2.777 Hz (0 – 100 %) standard; 0 –
0.006 Hz through 3.12 Hz is possible.
• 2.777 Hz at 100 % Input
[Example] 1000 W calibration range
2.777 [Hz] × 3600 [s] ÷ 1 [kW] = 10000 [pulses/kWh]
• Specified Pulse Unit: Refers to how much electrical energy
(kWh) consumption at the primary of the VT and CT
corresponds to the single output pulse per hour from the
transducer.
500
1000 W
0
12
OUT
20 mA
500
1000 W
0
5
OUT
10 V
4
0
+1000 W
-1000 W
12
OUT
20 mA
0
+1000 W
-1000 W
0
OUT
+10 V
4
-10 V
s OPERATION DIAGRAM (example)
INSTALLATION
Power Consumption
•AC: Approx. 2 VA
•DC: Approx. 2 W (18 mA at 110 V)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 % (at 23°C ±10°C or 73.4°F ±18°F,
45 – 65 Hz)
Magnetic field (ext. origin) effect: ± 0.5 % (400 A/m)
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.(The output ripple may increase when
there is great difference between the frequencies of input
signal and power supply)
Line voltage effect: ±0.25 % over operational voltage range
(Operational voltage range is [K3: 90 to 132 V AC], [L3: 180
to 264 V AC] when the DC output code is 4W or the
specified voltage is ≤ -9 V)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com