Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTRP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LTRP
Description  Power Transducer Series LT-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTRP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LTRP Datasheet HTML 1Page - M-System Co.,Ltd. LTRP Datasheet HTML 2Page - M-System Co.,Ltd. LTRP Datasheet HTML 3Page - M-System Co.,Ltd. LTRP Datasheet HTML 4Page - M-System Co.,Ltd. LTRP Datasheet HTML 5Page - M-System Co.,Ltd. LTRP Datasheet HTML 6Page - M-System Co.,Ltd. LTRP Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: LTRP
LTRP SPECIFICATIONS
ES-3357 Rev.16 Page 2/7
https://www.m-system.co.jp/
/X2: Input span
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Chrome-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Voltage input to current input to output to
auxiliary power
Computation: Time division multiplication
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
• Voltage input
Operational range: 0 – 120 % of rating
Overload capacity: 200 % of rating for 10 sec., 120 %
continuous
• Current input
Operational range: 0 – 120 % of rating
Overload capacity: 4000 % of rating for 1 sec., 2000 % for 4
sec., 120 % continuous
■ How To Determine Var Range
Calibration Range [var] = (Measuring Range) ÷
((VT Ratio) × (CT Ratio))
Check that the required calibration range is within the
available range in the table.
[example]
3-phase / 3-wire, measuring range 75 kvar,
VT 220 / 110 V, CT 250 / 5 A
(75 × 103 [var])÷((220 ÷ 110) × (250 ÷ 5))= 750 [var]
• 3-phase / 3-wire
INPUT
USABLE RANGE
BURDEN (VA)
VT / CT
STD.RANGE
VT
CT
CODE
1 / 1
200 var
100 – 240 var
0.2
0.1/ph
1 / 2
400 var
200 – 480 var
/phase
0.2/ph
1 / 5
1000 var
500 – 1200 var
0.5/ph
2 / 1
400 var
200 – 480 var
0.4
0.1/ph
2 / 2
800 var
400 – 960 var
/phase
0.2/ph
2 / 5
2000 var
1000 – 2400 var
0.5/ph
4 / 1
800 var
400 – 960 var
0.6
0.1/ph
4 / 2
1600 var
800 – 1920 var
/phase
0.2/ph
4 / 5
4000 var
2000 – 4800 var
0.5/ph
• 3-phase / 4-wire
INPUT
USABLE RANGE
BURDEN (VA)
VT / CT
STD.RANGE
VT
CT
CODE
1 / 1
200 var
100 – 240 var
0.1
0.1/ph
1 / 2
400 var
200 – 480 var
/phase
0.2/ph
1 / 5
1000 var
500 – 1200 var
0.5/ph
2 / 1
400 var
200 – 480 var
0.3
0.1/ph
2 / 2
800 var
400 – 960 var
/phase
0.2/ph
2 / 5
2000 var
1000 – 2400 var
0.5/ph
4 / 1
800 var
400 – 960 var
0.4
0.1/ph
4 / 2
1600 var
800 – 1920 var
/phase
0.2/ph
4 / 5
4000 var
2000 – 4800 var
0.5/ph
OUTPUT SPECIFICATIONS
■ DC Current: -10 – +20 mA DC
Span: Min. 1 mA, max. 20 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 10 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max. at ≥ 0.5 V
12
OUT
20mA
0
1000var
(Lead)
1000
(Lag)
0
OUT
+10V
4
12
OUT
20mA
0
OUT
+10V
4
-10V
-10V
0
1000var
(Lead)
1000
(Lag)
0
1000var
(Lead)
1000
(Lag)
0
1000var
(Lead)
1000
(Lag)
• Negative in lag, positive in lead
• Negative in lead, positive in lag
OPERATION DIAGRAM (example)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com