Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTPFU Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LTPFU
Description  Power Transducer Series LT-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTPFU Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LTPFU Datasheet HTML 1Page - M-System Co.,Ltd. LTPFU Datasheet HTML 2Page - M-System Co.,Ltd. LTPFU Datasheet HTML 3Page - M-System Co.,Ltd. LTPFU Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: LTPFU
LTPFU SPECIFICATIONS
ES-3366 Rev.10 Page 3/4
https://www.m-system.co.jp/
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (input)
Installation Category II (auxiliary power)
Pollution Degree 2
Input to output or auxiliary power: Reinforced insulation
(550 V)
Output to auxiliary power: Reinforced insulation (300 V)
RoHS Directive
CONNECTION DIAGRAM
*The transducer can be powered from the input voltage
when the voltage is sufficiently stable and meets within
the range of auxiliary power supply of the unit specified
in the data sheet/instruction manual.
LOAD
1
N
2
3
SOURCE
11
12
LOAD
1
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
7
8
11
12
1L
1S
3L
3S
k
l
L
K
k
l
L
K
1
5
6
2
k
l
CT
L
K
1L
1S
2L
2S
3L
3S
k
l
L
K
k
l
L
K
1
2
3
4
5
6
P0
V
P1
U
v
u
FUSE
VT
7
10
+
OUTPUT
+
OUTPUT
CT
CT
■ 3-PHASE/4-WIRE
■ 3-PHASE/3-WIRE
15
16
U(+)
V(–)
AUXILIARY
POWER
*
15
16
U(+)
V(–)
AUXILIARY
POWER
*
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
2
3
4
5
6
11
12
13
14
15
16
7
8
9
10
54 (2.13)
72 (2.83)
[4 (.16)]
143 (5.63)
3
(.12)
DIN RAIL
35mm wide
8 (.31)
2–M4 MTG HOLE
16–M4 SCREW
TERMINAL COVER (option /T)
10 (.39)
• When mounting, no extra space is needed between units.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com