Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWTN-2AB0 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LWTN-2AB0
Description  Power Transducer Series L-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LWTN-2AB0 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LWTN-2AB0 Datasheet HTML 1Page - M-System Co.,Ltd. LWTN-2AB0 Datasheet HTML 2Page - M-System Co.,Ltd. LWTN-2AB0 Datasheet HTML 3Page - M-System Co.,Ltd. LWTN-2AB0 Datasheet HTML 4Page - M-System Co.,Ltd. LWTN-2AB0 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: LWTN
http://www.m-system.co.jp/
LWTN SPECIFICATIONS
ES-1976 Rev.2 Page 3/5
Load resistance: Output drive 1 mA max. at ≥ 0.5 V
■ Pulse output: Open collector; 0 Hz at 0 W
(cutout at approx. 0.5 – 1.0 %)
Rating: 35 V DC @ 100 mA
ON voltage: ≤ 1 V at 100 mA
ON duration: Max. 0.5 sec., min. approx. 50 msec.
Frequency range:
0 – 2.777 Hz (0 – 100 %) standard; 0 – 0.006 Hz through
3.12 Hz is possible.
•2.777 Hz at 100 % Input
[example] 1000 W calibration range
2.777 [Hz] × 3600 [s] / 1 [kW] = 10000 [pulses/kWh]
•Specified Pulse Unit: Refers to how much electrical energy
(kWh) consumption at the primary of the VT and CT
corresponds to the single output pulse per hour from the
transducer.
Output Frequeny [Hz] = Calibration Range [kW] × VT Ratio
× CT Ratio / Pulse Unit [kWh/pulse] × 3600 [s]
500
1000 W
0
12
OUT
20 mA
500
1000 W
0
5
OUT
10 V
4
0
+1000 W
-1000 W
12
OUT
20 mA
0
+1000 W
-1000 W
0
OUT
+10 V
4
-10 V
s OPERATION DIAGRAM (example)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 % (at 23°C ±10°C or 73.4°F ±18°F,
45 – 65 Hz)
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(voltage input to current input to DC output to pulse output
to ground)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com