Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MBR3045C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MBR3045C Datasheet(HTML) 1 Page - Rectron Semiconductor

  MBR3045C Datasheet HTML 1Page - Rectron Semiconductor MBR3045C Datasheet HTML 2Page - Rectron Semiconductor MBR3045C Datasheet HTML 3Page - Rectron Semiconductor MBR3045C Datasheet HTML 4Page - Rectron Semiconductor MBR3045C Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
* Low swit ching noise
* Low forward volt age drop
* Low t hermal resist ance
* High current capabilit y
* High swit ching capabilit y
* High surge capabit it y
* High reliabilit y
MECHANICAL DATA
*Case: T o-220 m olded plast ic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E met hod 208C guarant eed
* Mount ing posit ion: Any
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
30
200
2.0
40
Amps
0 C/W
0 C
Storage Temperature Range
R JC
R JA
IO
Operating Temperature Range
TJ
-55 to + 150
0 C
70
100
200
105
NOTES : 1. Thermal Resistance : Heat-sink mounted.
2. Suffix “A” = Common Anode.
3. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. " ROHS compliant".
2019-11/47
REV : O
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
Volts
@TA = 25
oC
@TA = 150
oC
mA
UNITS
I
2t
166
A
2S
Typical Current Squared Time
.65
.90
.95
100
MBR30100C
MBR30200C
MBR30150C
150
150
200
140
0.1
32
45
42
45
MBR3045C
MBR3060C
60
60
θ
θ
.75
.85
100
0.2
mA
-55 to + 150
Maximum Instantaneous Forward Voltage at 15.0A DC
VOLTAGE RANGE 45 to 200 Volts CURRENT 30.0 Ampere
230
220
.170 (4.31)
.129(3.27)
.159 (4.04)
.610 (15.5)
.576 (14.62)
.571 (14.5)
.514 (13.06)
.201 (5.1)
.131 (3.34)
.087(2.22)
.429 (10.9)
.374 (9.5)
.055 (1.4)
.045 (1.14)
.124 (3.16)
.176 (4.46)
.037 (0.94)
.027 (0.68)
.121(3.07)
.079( 2.01)
.084 (2.14)
.126(3.19)
.025 (0.64)
.011 (0.28)
Dimensions in inches and (millimeters).
MBR3045C
MBR30200C
THRU
MBR30100C
MBR30200C
MBR30150C
MBR3045C
MBR3060C


Similar Part No. - MBR3045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR3045C VISHAY-MBR3045C Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
BCD Semiconductor Manuf...
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR3045C UTC-MBR3045C Datasheet
162Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
logo
JILIN SINO-MICROELECTRO...
MBR3045C JSMC-MBR3045C Datasheet
540Kb / 9P
SCHOTTKY BARRIER DIODE
More results

Similar Description - MBR3045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com