Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL0601 Datasheet(PDF) 3 Page - ON Semiconductor

Part # HCPL0601
Description  High Speed-10 MBit/s Logic Gate Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0601 Datasheet(HTML) 3 Page - ON Semiconductor

  HCPL0601 Datasheet HTML 1Page - ON Semiconductor HCPL0601 Datasheet HTML 2Page - ON Semiconductor HCPL0601 Datasheet HTML 3Page - ON Semiconductor HCPL0601 Datasheet HTML 4Page - ON Semiconductor HCPL0601 Datasheet HTML 5Page - ON Semiconductor HCPL0601 Datasheet HTML 6Page - ON Semiconductor HCPL0601 Datasheet HTML 7Page - ON Semiconductor HCPL0601 Datasheet HTML 8Page - ON Semiconductor HCPL0601 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HCPL0600, HCPL0601, HCPL0611, HCPL0637, HCPL0638, HCPL0639
www.onsemi.com
3
SAFETY AND INSULATIONS RATING
As per DIN EN/IEC 60747−5−5, this optocoupler is suitable for “safe electrical insulation” only within the safety limit data.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Parameter
Characteristics
Installation Classifications per DIN VDE 0110/1.89 Table 1,
For Rated Mains Voltage
< 150 VRMS
I–IV
< 300 VRMS
I–III
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Comparative Tracking Index
175
Symbol
Parameter
Value
Unit
VPR
Input−to−Output Test Voltage, Method A, VIORM x 1.6 = VPR,
Type and Sample Test with tm = 10 s, Partial Discharge < 5 pC
904
Vpeak
Input−to−Output Test Voltage, Method B, VIORM x 1.875 = VPR,
100% Production Test with tm = 1 s, Partial Discharge < 5 pC
1060
Vpeak
VIORM
Maximum Working Insulation Voltage
565
Vpeak
VIOTM
Highest Allowable Over−Voltage
4,000
Vpeak
External Creepage
≥ 4
mm
External Clearance
≥ 4
mm
DTI
Distance Through Insulation (Insulation Thickness)
≥ 0.4
mm
TS
Case Temperature (Note 1)
150
°C
IS,INPUT
Input Current (Note 1)
200
mA
PS,OUTPUT
Output Power (Note 1)
300
mW
RIO
Insulation Resistance at TS, VIO = 500 V (Note 1)
> 109
W
1. Safety limit values – maximum values allowed in the event of a failure.
ABSOLUTE MAXIMUM RATINGS (No Derating Required up to 85°C)
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
−40 to +125
°C
TOPR
Operating Temperature
−40 to +85
°C
TJ
Junction Temperature
−40 to +125
°C
EMITTER
IF
DC/Average Forward Input Current
Each Channel
50
mA
VE
Enable Input Voltage
Not to exceed VCC by more than 500 mV
Single Channel
Devices Only
5.5
V
VR
Reverse Input Voltage
Each Channel
5.0
V
PI
Power Dissipation
Each Channel
45
mW
DETECTOR
VCC
(1 minute max)
Supply Voltage
7.0
V
IO
Output Current
Each Channel
15
mA
VO
Output Voltage (each channel)
Each Channel
7.0
V
PO
Collector Output Power Dissipation
Each Channel
85
mW
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com