Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P152S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EM78P152S
Description  8-Bit Microcontroller with OTP ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM78P152S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EM78P152S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 9Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 10Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 11Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 12Page - List of Unclassifed Manufacturers EM78P152S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
EM78P152/3S
8-Bit Microcontroller with OTP ROM
5
Functional Description
Interrupt
Controller
ROM
Instruction
Register
Instruction
Decoder
R2
ALU
Stack
ACC
R3
R4
Oscillator/Timing
Control
WDT Timer
Prescaler
R1 (TCC)
RAM
DATA & CONTROL BUS
OSCI
OSCO
/RESET
TCC
/INT
I/O
Port 6
IOC6
R6
Built-in
OSC
P60
P61
P62/TCC
P63//REST
P64/OSCO
P65/OSCI
P66
P67
I/O
Port 5
IOC5
R6
P50
P51
P52
P53
Figure 5-1 EM78P153S Functional Block Diagram
5.1 Operational Registers
5.1.1 R0 (Indirect Addressing Register)
R0 is not a physically implemented register. It is used as an indirect addressing
pointer. Any instruction using R0 as a pointer actually accesses data pointed by the
RAM Select Register (R4).
5.1.2 R1 (Timer Clock /Counter)
Incremented by an external signal edge, which is defined by TE bit (CONT-4)
through the TCC pin, or by the instruction cycle clock.
Writable and readable as any other registers.
Defined by resetting PAB (CONT-3).
The prescaler is assigned to TCC, if the PAB bit (CONT-3) is reset.
The contents of the prescaler counter will be cleared only when the TCC register is
written with a value.
Product Specification (V1.8) 09.08.2009
• 5
(This specification is subject to change without further notice)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com