Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTD2136 Datasheet(PDF) 1 Page - Realtek Semiconductor Corp.

Part # RTD2136
Description  RTD2136S Power Up Sequence
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTD2136 Datasheet(HTML) 1 Page - Realtek Semiconductor Corp.

  RTD2136 Datasheet HTML 1Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
24
HPD
DP2LVDS VCC
EDDID EEPROM
VCC
<=100ms
RTD2136S Power Up Sequence
Use 1% Res on R2178
IC
GND
Reserve
RTD2136 Dual Channel only
Reserve
CLOSE TO Pin22
Close to Pin18
C2142 close to IC side
USING 60R 2A
Close to Pin5
USING 60R 1A
Close to Pin43
Close to Pin11
Close to Pin17
ZWKEW
L8: need use CV-4709MN00
for Vendor suggestion

Z
WDd
Dd
^tZDK
>KDK
^>
^Z
Ws
DISP_ON_2136
EDP_HPD_2136
EDP_HPD
SDAT_2136
SCLK_2136
LVDS_BLON_2136
EDIDDATA_2136
EDIDCLK_2136
SCL1_2136
SDA1_2136
SCL1_2136
SDA1_2136
SCLK_2136
SDAT_2136
EDP_HPD_2136
EDP_AUXP
EDP_TXP1
EDP_TXP0
EDP_TXN0
EDP_TXN1
EDP_AUXN
EDP_TXN1_R
EDP_TXP1_R
EDP_TXN0_R
EDP_TXP0_R
EDP_AUXP_R
EDP_AUXN_R
DPST_PWM_2136
EDP_TXN0_2136
EDP_TXP0_2136
EDP_AUXP_2136
EDP_TXN1_2136
EDP_TXP1_2136
EDP_AUXN_2136
SDAT_2136
SCLK_2136
TXLOUT2+
25
TXLOUT2-
25
TXLOUT1+_2136
25
TXLOUT1-_2136
25
TXLOUT0+_2136
25
TXLOUT0-_2136
25
TXLCLKOUT+
25
TXLCLKOUT-
25
DPST_PWM_2136
25
EDP_HPD
2,25
MBCLK2
8,13,31
MBDATA2
8,13,31
SMB_RUN_CLK
8,12,13
SMB_RUN_DAT
8,12,13
EDIDDATA_2136
25
EDIDCLK_2136
25
EDP_AUXN
2
EDP_AUXP
2
EDP_AUXN_R
25
EDP_AUXP_R
25
EDP_TXP0_R
25
EDP_TXN0_R
25
EDP_TXP1_R
25
EDP_TXN1_R
25
DISP_ON_2136
25
LVDS_BLON_2136
25
EDP_TXP0
2
EDP_TXN0
2
EDP_TXP1
2
EDP_TXN1
2
DPST_PWM
2,6,25
TXUOUT0-
25
TXUOUT0+
25
TXUOUT1+
25
TXUOUT1-
25
TXUOUT2+
25
TXUOUT2-
25
TXUCLKOUT-
25
TXUCLKOUT+
25
+3V
2,6,7,8,9,10,12,13,14,23,25,26,27,28,29,30,31,32,33,34,39,40,42,44
+1.2V_2136
+3.3V_2136_A
+3.3V_2136_D
+3V
+SWR_LX
+3V
+3.3V_2136_D
+3.3V_2136_D
+3V
+3V
+3.3V_2136_A
+SWR_LX
+1.2V_2136
Size
Document Number
Rev
Date:
Sheet
of
4XDQWD&RPSXWHU,QF
352-(&75
1%
RTD2136
1A
Custom
24
44
Friday, December 21, 2012
Size
Document Number
Rev
Date:
Sheet
of
4XDQWD&RPSXWHU,QF
352-(&75
1%
RTD2136
1A
Custom
24
44
Friday, December 21, 2012
Size
Document Number
Rev
Date:
Sheet
of
4XDQWD&RPSXWHU,QF
352-(&75
1%
RTD2136
1A
Custom
24
44
Friday, December 21, 2012
C124
0.1U/10V/X7R_4
C55
0.1U/10V/X7R_4
C120
0.1U/10V_4
C100
0.1U/10V/X7R_4
C95
0.1U/10V/X7R_4
U6
*M24C64
A0
1
A1
2
A2
3
VCC
8
GND
4
SCL
6
SDA
5
WP
7
C137
10U/6.3V_8
R86
*0_8
R94
*0_4
R73
*0_4/S
R122
*4.7K_4
R107
*0_4
R103
12K_4
C105
0.1U/10V/X7R_4
R109
*0_4
TP5
L5
PBY160808T-600Y-N(60,3A)
R123
*0_4
C121
0.1U/10V_4
C40
10U/6.3V_8
R113
100k/F_4
C85
22U/6.3VS_8
L8
4.7UH_1A
C79
0.1U/10V/X7R_4
R110
*0_4
R101
1K/F_4
R121
4.7K_4
R126
*0_4
R95
*0_4
R106
*0_4
R118
4.7K_4
C75
0.1U/10V/X7R_4
R76
100K/F_4
C123
0.1U/10V_4
R115
0_4
TP6
RTD2136R
U4
DP_HPD
1
TESTMODE
2
AUX-CH_N
3
AUX-CH_P
4
LANE0P
7
LANE0N
8
LANE1P
9
LANE1N
10
CIICSCL1
13
CIICSDA1
14
TXE3+
23
TXE3-
24
TXEC+
25
TXEC-
26
TXE2+
27
TXE2-
28
TXE1+
29
TXE1-
30
TXE0+
31
TXE0-
32
TXO3+
33
TXO3-
34
TXOC+
35
TXOC-
36
TXO2+
37
TXO2-
38
TXO1+
39
TXO1-
40
TXO0+
41
TXO0-
42
BL_EN
44
MIICSDA1
45
MIICSCL1
46
MIICSDA0
47
MIICSCL0
48
NC
49
C119
0.1U/10V_4
C68
22U/6.3VS_8
C47
0.1U/10V/X7R_4
R88
0_4
C118
0.1U/10V_4
L12
PBY160808T-600Y-N(60,3A)
R127
*0_4
C150
0.1U/10V_4
R125
*0_4
C122
0.1U/10V_4
R119
*4.7K_4
R108
*0_4
R105
*0_4
R114
0_4


Similar Part No. - RTD2136

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
8051 Embedded Micro-Controller for Monitor
RTD2120K REALTEK-RTD2120K Datasheet
525Kb / 37P
8051 Embedded Micro-Controller for Monitor
RTD2120L REALTEK-RTD2120L Datasheet
525Kb / 37P
8051 Embedded Micro-Controller for Monitor
RTD2120L-LF REALTEK-RTD2120L-LF Datasheet
525Kb / 37P
8051 Embedded Micro-Controller for Monitor
RTD2120S REALTEK-RTD2120S Datasheet
525Kb / 37P
8051 Embedded Micro-Controller for Monitor
More results

Similar Description - RTD2136

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1830 DALLAS-DS1830 Datasheet
276Kb / 7P
Reset Sequence Pushbutton
logo
Extech Instruments Corp...
480400 EXTECH-480400 Datasheet
131Kb / 6P
Phase Sequence Tester
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
Extreme edition sequence
logo
Extech Instruments Corp...
480400 EXTECH-480400_15 Datasheet
150Kb / 1P
Phase Sequence Tester
logo
List of Unclassifed Man...
TRW-24DSHI ETC2-TRW-24DSHI Datasheet
457Kb / 7P
2.4GHz Direct Sequence Spread Spectrum Hi Power Module
logo
PHOENIX CONTACT
EMD-BL-PH-480 PHOENIX-EMD-BL-PH-480 Datasheet
141Kb / 6P
Phase sequence monitoring
EMD-SL-PH-400 PHOENIX-EMD-SL-PH-400 Datasheet
120Kb / 5P
Phase sequence monitoring
logo
Festo Corporation.
VD-3-PK-3 FESTO-VD-3-PK-3 Datasheet
88Kb / 1P
Pressure sequence valve
logo
Maxim Integrated Produc...
DS1830 MAXIM-DS1830 Datasheet
282Kb / 7P
Reset Sequence Pushbutton
060303
logo
MOSDESIGN SEMICONDUCTOR...
M1510 MOSDESIGN-M1510 Datasheet
26Kb / 2P
M3764P RANDOM / SEQUENCE
2005-11-04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com