Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9131 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9131
Description  Auto ECU Board Drive Chip SOP 36 Pin Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9131 Datasheet(HTML) 1 Page - STMicroelectronics

  L9131 Datasheet HTML 1Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description :
Car engine computer board trip computer ECU power driver chip, Automotive engine computer power management
boot chip IC.
Part Number : L9131
Function : Auto ECU Board Drive Chip
Package : SOP 36 Pin Type
Manufacturers : STMicroelectronics
Image :


Similar Part No. - L9131

ManufacturerPart #DatasheetDescription
logo
Energizer
L91 ENERGIZER-L91 Datasheet
91Kb / 2P
1.5 Volts 14.5 grams (0.5 oz.) 8.0 cubic centimeters (0.5 cubic inch)
logo
New Jersey Semi-Conduct...
L911 NJSEMI-L911 Datasheet
389Kb / 1P
OPTO ELECTRONICS DETECTORS-PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
List of Unclassifed Man...
L9110 ETC2-L9110 Datasheet
313Kb / 5P
2-CHANNEL MOTOR DRIVER
logo
Shenzhen Huazhimei Semi...
L9110B HMSEMI-L9110B Datasheet
431Kb / 6P
Motor control driver chip
logo
List of Unclassifed Man...
L9110S ETC2-L9110S Datasheet
313Kb / 5P
2-CHANNEL MOTOR DRIVER
More results

Similar Description - L9131

ManufacturerPart #DatasheetDescription
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Kyocera Kinseki Corpota...
CX-49F KSS-CX-49F Datasheet
153Kb / 1P
For ECU.
logo
Everlight Electronics C...
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
ELD20X EVERLIGHT-ELD20X Datasheet
328Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
ELD20X_21X EVERLIGHT-ELD20X_21X Datasheet
406Kb / 11P
8 PIN SOP PHOTOTRANSISTOR
logo
California Eastern Labs
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com