Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MAA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MAA Datasheet HTML 1Page - M-System Co.,Ltd. MAA Datasheet HTML 2Page - M-System Co.,Ltd. MAA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MAA
MAA SPECIFICATIONS
ES-8168 Rev.6 Page 1/3
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
(5 A; high discharge current capacity; life monitor)
Functions & Features
•Designed specifically for AC power supplies up to 5 amps
•Discharge current capacity 10000 A
•Life monitor function helps you to decide when you should
replace the M-RESTER; reduces maintenance and prevents
downtime
•LED display and alarm contact output indicate the
degradation and life span of the surge protection circuits
•No power supply interruption even when the unit is
degraded or at the end of its life
50
[1.97]
123
[4.84]
80
[3.15]
mm [inch]
MODEL: MAA–[1]
ORDERING INFORMATION
• Code number: MAA–[1]
Specify a code from below for [1].
(e.g. MAA-100)
[1] OPERATIONAL VOLTAGE
100: 100 V / 110 V / 120 V AC
200: 200 V / 220 V / 240 V AC
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Alarm indicators
POWER: The green LED turns on while the circuit is alive
and the internal fuse is not blown; and is off when the
power supply is removed or the fuse is blown.
ALARM: Tricolor LED (green/amber/red)
•Remains off when the power supply is first turned on.
•Green: The unit has received one or more surges.
•Amber: Replacement is recommended.
•Red: The life span has ended.
Alarm output: The N.C. contact is on when the life span of
the discharge elements has ended, when the voltage limiter
has degraded, and/or when the power supply is removed.
Rating: 125 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 125 V AC or 110 V DC
Maximum switching power: 62.5 VA or 30 W
Minimum load: 5 V DC @ 1 mA
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 500 g (1.1 lb)
PERFORMANCE
Operational voltage range:
90 – 132 V AC (MAA-100)
180 – 264 V AC (MAA-200)
50/60 Hz, approx. 2 VA
Discharge voltage (peak voltage)
Line to line: 190 V min. (MAA-100)
410 V min. (MAA-200)
Line to ground: 400 V min.
Maximum surge voltage
Line to line: 380 V max. (MAA-100)
700V max. (MAA-200)
Line to ground: 800 V max.
Withstand voltage of protected equipment between the
circuit and the metal housing must be 1000 V AC or more.
Response time: ≤ 0.01 μsec.
Leakage current
Line to line: ≤ 26mA at 100 V AC (MAA-100)
≤ 13 mA at 200 V AC (MAA-200)
Line to ground: ≤ 0.1 mA at 300 V AC
Discharge current capacity: 10000 A (8/ 20 μsec.)
Maximum load current: 5 A
Internal series resistance: ≤ 0.5 Ω including return
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (alarm output)
Installation Category II (power)


Similar Part No. - MAA

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
MAA-100-08 SEMPO-MAA-100-08 Datasheet
72Kb / 2P
Diode-Diode Module
MAA-100-12 SEMPO-MAA-100-12 Datasheet
72Kb / 2P
Diode-Diode Module
MAA-100-14 SEMPO-MAA-100-14 Datasheet
72Kb / 2P
Diode-Diode Module
MAA-100-16 SEMPO-MAA-100-16 Datasheet
72Kb / 2P
Diode-Diode Module
More results

Similar Description - MAA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com