Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8BS1-16Y1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M8BS1-16Y1-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8BS1-16Y1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M8BS1-16Y1-R Datasheet HTML 1Page - M-System Co.,Ltd. M8BS1-16Y1-R Datasheet HTML 2Page - M-System Co.,Ltd. M8BS1-16Y1-R Datasheet HTML 3Page - M-System Co.,Ltd. M8BS1-16Y1-R Datasheet HTML 4Page - M-System Co.,Ltd. M8BS1-16Y1-R Datasheet HTML 5Page - M-System Co.,Ltd. M8BS1-16Y1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M8BS1-16
M8BS1-16 SPECIFICATIONS
ES-5494 Rev.12 Page 2/6
http://www.m-system.co.jp/
The AC power unit conforms with the following standards:
EN 50178
Installation Category II
Pollution Degree 2
Max. operating voltage 300 V
RoHS Directive
MOUNTING REQUIREMENTS unit: mm (inch)
460 (18.11)
4–M5 SCREW
CONNECTION DIAGRAM
■ MODEL: M8BS1-16U0 (screw terminal block / screw terminal block)
■ CONNECTION DIAGRAM
A
B
C
D
Ch.1
INPUT*
A
B
C
D
Ch.16
INPUT*
■ DC Power Supply
■ AC Power Supply
AC
POWER
UNIT
4
5
FG
3
U
V
AC POWER
FG
+
POWER
OUTPUT 1
3
2
1
A
B
C
D
Ch.1
INPUT*
A
B
C
D
Ch.16
INPUT*
+
OUTPUT 2
OUTPUT 1
OUTPUT 2
+
Ch.1
OUTPUT*
+
+
Ch.16
OUTPUT*
OUTPUT 1
+
OUTPUT 2
OUTPUT 1
OUTPUT 2
+
Ch.1
OUTPUT*
+
+
Ch.16
OUTPUT*
*The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 or Output 2 terminal for the input.
■ MODEL: M8BS1-16U3 (Omron MIL type connector, XG4A-3431 / screw terminal block)
Connector Pin Assignment
CN1
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com