Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDJST Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDJST
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDJST Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDJST Datasheet HTML 1Page - M-System Co.,Ltd. MDJST Datasheet HTML 2Page - M-System Co.,Ltd. MDJST Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDJST
MDJST SPECIFICATIONS
ES-8156 Rev.7 Page 2/3
http://www.m-system.co.jp/
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 250 V DC (Line to alarm output)
(The voltage more than 250 V DC turns the discharge element on; then the insulation between lines and alarm output will be
lost)
Surge protection: IEC 61643-21 Categories C1, C2, D1
NOMINAL VOLTAGE
MDJST-12x
MDJST-24x
MDJST-48x
Max. Continuous operating voltage (Uc)
Line to Line
±18V
±36V
±60V
Line to Earth
±160V
SHLD to Earth
±160V
Leakage current (initial value) @Uc
Line to Line
5μA max.
Line to Earth
5μA max.
SHLD to Earth
5μA max.
Voltge protection level (Up) @4kV(1.2/50 μs)
Line to Line
±30V
±50V
±90V
Line to Earth
±500V
SHLD to Earth
±600V
Surge energy attenuation ratio
Line to Line
74 dB min.
Line to Earth
74 dB min.
SHLD to Earth
–
Response Time (line to line)
3 nsec. max.
Max. discharge current (Imax)
20kA (8/20 μs)
Nominal current (I
N)
1A
Internal series resistance
3Ω max.
AC durability
1 Arms (60 Hz 1s) 5 times
Operational attenuation
3 dB max. @DC to 4 kHz, Zo = 600Ω (8 dB max. @100 kHz)
EXTERNAL VIEW
Monitor LED
Check button
MONITOR
CHECK
■ For MDJST-xA1, MDJST-xA2
■ For MDJST-xY
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
3
4
7
6
8
5
26 (1.02)
107 (4.21)
26 (1.02)
15
(.59)
2–4.5 (.18)
HOLE
15 (.59) deep
DIN RAIL
35mm wide
[3.3 (.13)]
8–M3.5
SCREW
CLAMP
(top & bottom)
137 (5.39)
•When mounting, no extra space is needed between units.
7.8 (.31)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com