Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDINS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDINS
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDINS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDINS Datasheet HTML 1Page - M-System Co.,Ltd. MDINS Datasheet HTML 2Page - M-System Co.,Ltd. MDINS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MD-INS
MD-INS SPECIFICATIONS
ES-8109 Rev.8 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
2
3
4
7
6
8
5
26 [1.02]
107 [4.21]
26 [1.02]
15
[.59]
2–4.5 [.18]
HOLE
15 [.59] deep
DIN RAIL
35mm wide
(3.3 [.13])
8–M3.5
SCREW
CLAMP
(top & bottom)
137 [5.39]
•When mounting, no extra space is needed between units.
7.8 [.31]
SCHEMATIC CIRCUITRY
Base Socket
GROUND
TERMINALS (G)
LINE
ISDN SIDE
DSU SIDE
L2
L1
L2’
L1’
8
1
2
7
LINE
ISDN SIDE
MODULAR JACK
DSU
DSU SIDE
MODULAR JACK
Discharge Elements
ISDN
CIRCUIT
Be sure to cross-wire between the G terminal of telephone set
and one of the terminals 7, 8, 1, or 2 of the MD-INS.
3
4
5
6
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com