Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD7PL-NFG0 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MD7PL-NFG0
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7PL-NFG0 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MD7PL-NFG0 Datasheet HTML 1Page - M-System Co.,Ltd. MD7PL-NFG0 Datasheet HTML 2Page - M-System Co.,Ltd. MD7PL-NFG0 Datasheet HTML 3Page - M-System Co.,Ltd. MD7PL-NFG0 Datasheet HTML 4Page - M-System Co.,Ltd. MD7PL-NFG0 Datasheet HTML 5Page - M-System Co.,Ltd. MD7PL-NFG0 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: MD7PL
MD7PL SPECIFICATIONS
ES-8062 Rev.7 Page 3/6
http://www.m-system.co.jp/
CONNECTION EXAMPLES
MD7PL-NFG
6
3
8
5
2
(SHLD)
DIN RAIL
DIN RAIL
ADAPTOR
Protected Device
Protected Device
+
–
7
SG
4
1
+
6
8
5
7
4
FG
Protected Side
Crossover Wire
MD7PL-NFF
DIN RAIL
DIN RAIL
ADAPTOR
Surge Side
Protected Side
Surge Side
*1. Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground.
Use a steel or copper rail.
*2. Be sure to ground the DIN rail. Recommended grounding resistance ≤100Ω
*3. Cross-wire between the DIN rail and the metal housing of the protected device to equalize the earth potential.
Ground only the surge protector when the protected device has no ground terminal.
*4. Shield wiring method is an example. Proceed according to the system requirements.
*4
*2
*3
Crossover Wire*3
• MD7PL-N
MD7PL-PFG
6
3
8
5
2
(SHLD)
DIN RAIL
DIN RAIL
ADAPTOR
Protected Device
Protected Device
–
+
7
SG
4
1
–
6
8
5
7
4
FG
–
+
FG
–
+
SG
–
FG
Protected Side
Crossover Wire
MD7PL-PFF
DIN RAIL
DIN RAIL
ADAPTOR
Surge Side
Protected Side
Surge Side
*4
*2
*2
*2
*1
*1
*1
*1
*3
Crossover Wire*3
3
2
1
• MD7PL-P
■ CONNECTION DIAGRAM
Di 1
Di 2
COM
Di 1
Di 2
COM
COM
COM
Do 1
Do 1
Do 2
Do 2
+
3
2
1
SG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com