Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKSSYB223K16 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CKSSYB223K16
Description  Pioneer BA49183 RDS MEDIA CENTER RECEIVER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CKSSYB223K16 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CKSSYB223K16 Datasheet HTML 17Page - List of Unclassifed Manufacturers CKSSYB223K16 Datasheet HTML 18Page - List of Unclassifed Manufacturers CKSSYB223K16 Datasheet HTML 19Page - List of Unclassifed Manufacturers CKSSYB223K16 Datasheet HTML 20Page - List of Unclassifed Manufacturers CKSSYB223K16 Datasheet HTML 21Page - List of Unclassifed Manufacturers CKSSYB223K16 Datasheet HTML 22Page - List of Unclassifed Manufacturers CKSSYB223K16 Datasheet HTML 23Page - List of Unclassifed Manufacturers CKSSYB223K16 Datasheet HTML 24Page - List of Unclassifed Manufacturers CKSSYB223K16 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
MVH-X360BT/XINEW5
21
5
678
56
7
8
C
D
F
A
B
E
8. EACH SETTING AND ADJUSTMENT
8.1 PCL OUTPUT CONFIRMATION
- PCL Output
In the normal operation mode (with the detachable panel installed, the ACC switched ON, the standby mode
cancelled), shift the TESTIN IC601(Pin 99) terminal to H.
The clock signal is output from the PCL terminal IC601(Pin115).
The frequency of the clock signal is 600 kHz that is divided by 20th of the oscillation frequency of X601 (12MHz).
The clock signal should be 600 kHz(- 25 Hz, + 25 Hz).
If the clock signal is out of the range, the X'tal (X601) should be replaced with new one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com