Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF740AS Datasheet(PDF) 1 Page - International Rectifier

Part # IRF740AS
Description  Switch Mode Power Supply (SMPS)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF740AS Datasheet(HTML) 1 Page - International Rectifier

  IRF740AS Datasheet HTML 1Page - International Rectifier IRF740AS Datasheet HTML 2Page - International Rectifier IRF740AS Datasheet HTML 3Page - International Rectifier IRF740AS Datasheet HTML 4Page - International Rectifier IRF740AS Datasheet HTML 5Page - International Rectifier IRF740AS Datasheet HTML 6Page - International Rectifier IRF740AS Datasheet HTML 7Page - International Rectifier IRF740AS Datasheet HTML 8Page - International Rectifier IRF740AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
9/14/99
IRF740AS/L
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified ( See AN 1001)
VDSS
Rds(on) max
ID
400V
0.55
Ω
10A
Typical SMPS Topologies:
l Single transistor Flyback Xfmr. Reset
l Single Transistor Forward Xfmr. Reset
( Both for US Line Input only )
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
†
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
†
6.3
A
IDM
Pulsed Drain Current
†
40
PD @TA = 25°C
Power Dissipation
3.1
W
PD @TC = 25°C
Power Dissipation
125
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.9
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 92005
Notes
 through … are on page 10
2
D
Pak
TO -262


Similar Part No. - IRF740AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF740AS VISHAY-IRF740AS Datasheet
171Kb / 8P
Power MOSFET
19-Jun-08
IRF740AS VISHAY-IRF740AS Datasheet
238Kb / 11P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRF740ASPBF IRF-IRF740ASPBF Datasheet
285Kb / 10P
SMPS MOSFET
logo
Vishay Siliconix
IRF740ASPBF VISHAY-IRF740ASPBF Datasheet
171Kb / 8P
Power MOSFET
19-Jun-08
IRF740ASPBF VISHAY-IRF740ASPBF Datasheet
238Kb / 11P
Power MOSFET
30-Aug-2021
More results

Similar Description - IRF740AS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SG2074 FREESCALE-SG2074 Datasheet
137Kb / 4P
Digital Switched-Mode Power Supply (SMPS)
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
Switch Mode Power Supply
logo
International Rectifier
IRFB17N60KPBF IRF-IRFB17N60KPBF Datasheet
438Kb / 8P
SMPS MOSFET(SWITCH MODE POWER SUPPLY)
logo
Kersemi Electronic Co.,...
IRFR3412TRR KERSEMI-IRFR3412TRR Datasheet
3Mb / 10P
Switch Mode Power Supply (SMPS)
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com