Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD4841P Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SD4841P
Description  CURRENT MODE PWM CONTROLLER WITH BUILT-IN HIGH VOLTAGE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD4841P Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SD4841P Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD4841P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD4841P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD4841P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD4841P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD4841P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD4841P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD4841P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD4841P Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SD4840/4841/4842/4843/4844
TYPICAL OUPUT POWER CAPABILITY
190~265VAC
85~265VAC
Device
Adapter
Open
Adapter
Open
SD4840P67K65
7W
9W
5W
7.2W
SD4841P67K65
10W
14W
8W
12W
SD4842P67K65
12W
17W
10W
14W
SD4843P67K65
14W
19W
12W
15W
SD4844P67K65
16W
21W
14W
18W
BLOCK DIAGRAM
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.12.17
Http: //www.silan.com.cn
Page 2 of 11
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Rating
Unit
Drain-Gate Voltage (RGS=1M
Ω)
VDGR
650
V
Gate-Source (GND) Voltage
VGS
±30
V
SD4840P67K65
4
SD4841P67K65
6
SD4842P67K65
8
SD4843P67K65
11
Drain Current Pulse (note1)
SD4844P67K65
IDM
14
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com