Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM386L-P08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LM386L-P08-R
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM386L-P08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LM386L-P08-R Datasheet HTML 1Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 2Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 3Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 4Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 5Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 6Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 7Page - Unisonic Technologies LM386L-P08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LM386
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R107-007.H
TYPICAL CHARACTERISTICS
10
100
1K
10K
100K
20
0
Frequency (Hz)
Power Supply Rejection Ratio(Referred
to the Output) vs Frequency
10
Vs=6V
Av=26dB
456
7
8
9
10 11
12
1
2
3
4
5
6
Quiescent Supply Current vs Supply Voltage
Supply Voltage(volts)
30
40
50
60
NO BYPASSCAPACITOR
0.5μF
1μF
10μF
C7=50μF
456
7
8
9
10 11
12
0
2
4
6
8
10
Peak-to -Peak Output Voltage Swing vs Supply Voltage
Supply Voltage(volts)
8
4
16
RL=∞
20
50 100 200 500 1K 2K
5K 10K
17
18
19
20
21
22
Frequency Response With Bass Boost
Frequency (Hz)
20K
23
24
25
26
27



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com