Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDPRB Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDPRB
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPRB Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDPRB Datasheet HTML 1Page - M-System Co.,Ltd. MDPRB Datasheet HTML 2Page - M-System Co.,Ltd. MDPRB Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDP-RB
MDP-RB SPECIFICATIONS
ES-8114 Rev.20 Page 1/3
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR RTD USE
Functions & Features
• Designed specifically for resistance temperature detector
(RTD) circuits
• Protecting RTD and RTD transmitters from damage caused
by surges on the RTD wiring
• Absorbs surges only without affecting instrumentation
signal
• No interruption of signal by unplugging the protector
element
MODEL: MDP–RB[1]
ORDERING INFORMATION
• Code number: MDP-RB[1]
Specify a code from below for [1].
(e.g. MDP-RB/A33/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
DIN Rail Mounting Adapter
blank: Without
/A33: With adapter (model A-33)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 140 g (0.31 lb), standard
165 g (0.36 lb), with DIN rail mounting adapter
PERFORMANCE
Max. continuous operating voltage (Uc):
B to C: ±6 V
B or C to A: ±3 V
Line to earth: ±140 V
Voltage protection level (Up):
• @ 1 kV (100 A)
2 to 3: ±32 V
2 or 3 to 1: ±16 V
Line to earth: ±650 V
• @ 2 kV (1 kA)
2 to 3: ±40 V
2 or 3 to 1: ±25 V
Line to earth: ±800 V
Response time: ≤ 0.1 μsec.
Leakage current:
B to C: ≤ 2 μA @ ±6 V DC
B or C to A: ≤ 2 μA @ ±3 V DC
Line to earth: ≤ 2 μA @ ±140 V DC
Max. discharge current (Imax): 5000 A (8 / 20 μs)
Nominal current (IN): 100 mA
Internal series resistance: 10 Ω ±0.1 %, 30 ppm/°C (17
ppm/°F)
Capacitance @ 1 MHz:
Line to line: ≤ 1000 pF
Line to earth: ≤ 100 pF
Surge protection: IEC 61643-21 Categories C1, C2, D1
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Similar Part No. - MDPRB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
MDPRO4VAF1O SENSORTECHNICS-MDPRO4VAF1O Datasheet
100Kb / 4P
Normally closed proportional solenoid valve
MDPRO4VAF1S SENSORTECHNICS-MDPRO4VAF1S Datasheet
100Kb / 4P
Normally closed proportional solenoid valve
MDPRO4VAF8O SENSORTECHNICS-MDPRO4VAF8O Datasheet
100Kb / 4P
Normally closed proportional solenoid valve
MDPRO4VAF8S SENSORTECHNICS-MDPRO4VAF8S Datasheet
100Kb / 4P
Normally closed proportional solenoid valve
MDPRO4VAP1O SENSORTECHNICS-MDPRO4VAP1O Datasheet
100Kb / 4P
Normally closed proportional solenoid valve
More results

Similar Description - MDPRB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPA24 MSYSTEM-MDPA24 Datasheet
133Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com