Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDPLC Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDPLC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPLC Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDPLC Datasheet HTML 1Page - M-System Co.,Ltd. MDPLC Datasheet HTML 2Page - M-System Co.,Ltd. MDPLC Datasheet HTML 3Page - M-System Co.,Ltd. MDPLC Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MDP-LC
MDP-LC SPECIFICATIONS
ES-8128 Rev.10 Page 3/4
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
+
L2
L1
23.5 (.93)
2–5 (.20) dia.
MTG HOLE
4–M4 TERMINAL SCREW
GROUND TERMINAL (G)
(used as mounting bracket)
27 (1.06)
53 (2.09)
80 (3.15)
HEAD ELEMENT
BASE
27 (1.06)
53 (2.09)
80 (3.15)
L2
L1
+
23.5 (.93)
4–M4 TERMINAL SCREW
2–M4 MOUNTING SCREW
(used as ground terminal (G))
8.5
(.33) [3.3 (.13)]
DIN RAIL
35mm wide
s STANDARD
s WITH DIN RAIL MOUNTING ADAPTER
MOUNTING REQUIREMENTS unit: mm (inch)
25 (.97) min.
2–M4 SCREW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com