Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDPEC Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDPEC
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPEC Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDPEC Datasheet HTML 1Page - M-System Co.,Ltd. MDPEC Datasheet HTML 2Page - M-System Co.,Ltd. MDPEC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MDP-EC
MDP-EC SPECIFICATIONS
ES-8117 Rev.12 Page 3/3
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm (inch)
25 (.97) min.
2–M4 SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
BASE
TO CABLE
S
P
P
S
G
TO ECT / ECR
Discharge
Elements
20
ELEMENT
ZD
ZD
GROUND TERMINAL
(used as mounting attachment)
+
+
:
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com