Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDPA65 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDPA65
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDPA65 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDPA65 Datasheet HTML 1Page - M-System Co.,Ltd. MDPA65 Datasheet HTML 2Page - M-System Co.,Ltd. MDPA65 Datasheet HTML 3Page - M-System Co.,Ltd. MDPA65 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MDPA-65
MDPA-65 SPECIFICATIONS
ES-8105 Rev.3 Page 2/4
http://www.m-system.co.jp/
• @ 2 kV (1 kA)
Line to line: 100 V
Line to earth: ±650 V
Response time:
Line to line: ≤ 4 nsec.
Line to earth: ≤ 20 nsec.
Leakage current:
Line to line: ≤ 5 μA @ 70 V DC
Line to earth: ≤ 5 μA @ ±140 V DC
Max. discharge current (Imax): 5000 A (8 / 20 μs)
Nominal current (IN): 100 mA
Internal series resistance: 20 Ω ±10 % (including return)
Capacitance @ 1 MHz:
Line to line: ≤ 1000 pF
Line to earth: ≤ 100 pF
Surge protection: IEC 61643-21 Categories C1, C2, D1
EXTERNAL VIEW
P–
P+
S–
S+
BAT Indicator LED
ALM Indicator LED
CHK Check Button
CONNECTION EXAMPLES
M-RESTER
IN
M-RESTER
CURRENT LOOP SUPPLY
CENTRAL
STATION
FIELD
(PROTECTED
EQUIPMENT)
FROM
FIELD
TO
CENTRAL
STATION
+
–
P–
P+
S–
S+
P–
P+
S–
S+
CABLE
G
G
+
–
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com