Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP200T Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDP200T
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDP200T Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDP200T Datasheet HTML 1Page - M-System Co.,Ltd. MDP200T Datasheet HTML 2Page - M-System Co.,Ltd. MDP200T Datasheet HTML 3Page - M-System Co.,Ltd. MDP200T Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MDP-200T
MDP-200T SPECIFICATIONS
ES-8227 Rev.2 Page 2/4
http://www.m-system.co.jp/
CONNECTION EXAMPLES
P1
P2
S1
S2
M-RESTER
Relay,
Coil, etc.
G
Discharge
Element
P1
P2
M-RESTER
G
Discharge
Element
1A
R
CONTROL ROOM
FIELD
The M-RESTER must be connected with its terminals S1 and S2 faced on power source side
in order that the fuses would be blown in case of shortcircuit of the discharge element.
1A
1A
1A
S1
S2
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and the ground or
metallic housing of the equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
When the M-RESTER is mounted with DIN Rail Mounting Adapter,
connect the grounding wire to the mounting screw of the M-RESTER.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com