Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040AN1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M50FLW040AN1
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M50FLW040AN1 Datasheet HTML 9Page - STMicroelectronics M50FLW040AN1 Datasheet HTML 10Page - STMicroelectronics M50FLW040AN1 Datasheet HTML 11Page - STMicroelectronics M50FLW040AN1 Datasheet HTML 12Page - STMicroelectronics M50FLW040AN1 Datasheet HTML 13Page - STMicroelectronics M50FLW040AN1 Datasheet HTML 14Page - STMicroelectronics M50FLW040AN1 Datasheet HTML 15Page - STMicroelectronics M50FLW040AN1 Datasheet HTML 16Page - STMicroelectronics M50FLW040AN1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
13/52
M50FLW040A, M50FLW040B
See Table 7. and Table 9., and Figure 8. and Fig-
ure 10., for a description of the Field definitions for
each clock cycle of the transfer. See Table 26.,
and Figure 15., for details on the timings of the sig-
nals.
Bus Abort. The Bus Abort operation can be used
to abort the current bus operation immediately. A
Bus Abort occurs when FWH4/LFRAME is driven
Low, VIL, during the bus operation. The device
puts
the
Input/Output
Communication
pins,
FWH0/LAD0-FWH3/LAD3, to high impedance.
Note that, during a Bus Write operation, the Com-
mand Interface starts executing the command as
soon as the data is fully received. A Bus Abort dur-
ing the final TAR cycles is not guaranteed to abort
the command. The bus, however, will be released
immediately.
Standby. When FWH4/LFRAME is High, VIH, the
device is put into Standby mode, where FWH0/
LAD0-FWH3/LAD3 are put into a high-impedance
state and the Supply Current is reduced to the
Standby level, ICC1.
Reset. During the Reset mode, all internal circuits
are switched off, the device is deselected, and the
outputs are put to high-impedance. The device is
in the Reset mode when Interface Reset, RP, or
CPU Reset, INIT, is driven Low, VIL. RP or INIT
must be held Low, VIL, for tPLPH. The memory re-
verts to the Read mode upon return from the Re-
set mode, and the Lock Registers return to their
default states regardless of their states before Re-
set. If RP or INIT goes Low, VIL, during a Program
or Erase operation, the operation is aborted and
the affected memory cells no longer contain valid
data. The device can take up to tPLRH to abort a
Program or Erase operation.
Block Protection. Block
Protection
can
be
forced using the signals Top Block Lock, TBL, and
Write Protect, WP, regardless of the state of the
Lock Registers.
Address/Address Multiplexed (A/A Mux) Bus
Operations
The Address/Address Multiplexed (A/A Mux) Inter-
face has a more traditional-style interface. The sig-
nals consist of a multiplexed address signals (A0-
A10), data signals, (DQ0-DQ7) and three control
signals (RC, G, W). An additional signal, RP, can
be used to reset the memory.
The Address/Address Multiplexed (A/A Mux) Inter-
face is included for use by Flash Programming
equipment for faster factory programming. Only a
subset of the features available to the Firmware
Hub (FWH)/Low Pin Count (LPC) Interface are
available; these include all the Commands but ex-
clude the Security features and other registers.
The following operations can be performed using
the appropriate bus cycles: Bus Read, Bus Write,
Output Disable and Reset.
When the Address/Address Multiplexed (A/A Mux)
Interface is selected, all the blocks are unprotect-
ed. It is not possible to protect any blocks through
this interface.
Bus Read. Bus Read operations are used to read
the contents of the Memory Array, the Electronic
Signature or the Status Register. A valid Bus Read
operation begins by latching the Row Address and
Column Address signals into the memory using
the Address Inputs, A0-A10, and the Row/Column
Address Select RC. Write Enable (W) and Inter-
face Reset (RP) must be High, VIH, and Output
Enable, G, Low, VIL. The Data Inputs/Outputs will
output the value, according to the timing con-
straints specified in Figure 17., and Table 28..
Bus Write. Bus Write operations are used to write
to the Command Interface. A valid Bus Write oper-
ation begins by latching the Row Address and Col-
umn Address signals into the memory using the
Address Inputs, A0-A10, and the Row/Column Ad-
dress Select RC. The data should be set up on the
Data Inputs/Outputs; Output Enable, G, and Inter-
face Reset, RP, must be High, VIH; and Write En-
able, W, must be Low, VIL. The Data Inputs/
Outputs are latched on the rising edge of Write En-
able, W. See Figure 18., and Table 29., for details
of the timing requirements.
Output Disable. The data outputs are high-im-
pedance when the Output Enable, G, is at VIH.
Reset. During the Reset mode, all internal circuits
are switched off, the device is deselected, and the
outputs are put at high-impedance. The device is
in the Reset mode when RP is Low, VIL. RP must
be held Low, VIL for tPLPH. If RP goes Low, VIL,
during a Program or Erase operation, the opera-
tion is aborted, and the affected memory cells no
longer contain valid data. The memory can take up
to tPLRH to abort a Program or Erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com