Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUT11AF Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # BUT11AF
Description  SEMICONDUCTORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BUT11AF Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button BUT11AF Datasheet HTML 21Page - List of Unclassifed Manufacturers BUT11AF Datasheet HTML 22Page - List of Unclassifed Manufacturers BUT11AF Datasheet HTML 23Page - List of Unclassifed Manufacturers BUT11AF Datasheet HTML 24Page - List of Unclassifed Manufacturers BUT11AF Datasheet HTML 25Page - List of Unclassifed Manufacturers BUT11AF Datasheet HTML 26Page - List of Unclassifed Manufacturers BUT11AF Datasheet HTML 27Page - List of Unclassifed Manufacturers BUT11AF Datasheet HTML 28Page - List of Unclassifed Manufacturers BUT11AF Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
361
Order Toll Free
1-800-543-4330,
FAX
1-800-765-6960
361
Order Toll Free
1-800-543-4330
Fax
1-800-765-6960
NET 30
Terms
Semiconductors/
Components
section
16
Ultra Miniature Surface Mount
Electrotrolytic Capacitors
•5mm high •Operating temperature:
-40°C~ +85°C •Ideal for use in compact portable
electronics such as laptop computers, camcorders and
cell phones •Mfr: Nichicon •Some values available in
3mm diameter, call your MCM account representative
to special order
Order #
µF
Diameter (mm)
(1-4)
(5-9)
(10-24)
4 Volts
31-8600
22
3
$0.79
$0.77
$0.73
31-8150
33
4
0.79
0.75
0.71
31-8155
47
4
0.79
0.75
0.71
31-8605
56
5
0.79
0.77
0.73
31-8160
100
5
0.79
0.77
0.73
31-8610
150
6.3
0.79
0.77
0.73
31-8165
220
6.3
0.79
0.75
0.71
31-8615
330
8
0.79
0.77
0.73
6.3 Volts
31-8170
22
4
0.79
0.77
0.73
31-8175
33
5
0.79
0.77
0.73
31-8180
47
5
0.79
0.77
0.73
31-8620
56
6.3
0.79
0.77
0.73
31-8185
100
6.3
0.79
0.77
0.73
31-8625
150
6.3
0.79
0.77
0.73
31-8630
220
8
0.79
0.77
0.73
31-8635
330
8
0.79
0.77
0.73
10 Volts
31-8195
33
5
0.79
0.77
0.73
31-8640
56
6.3
0.79
0.77
0.73
31-8205
100
6.3
0.79
0.77
0.73
31-8645
150
8
0.79
0.77
0.73
31-8650
220
8
0.79
0.77
0.73
16 Volts
31-8210
10
4
0.59
0.55
0.49
31-8215
22
5
0.79
0.77
0.73
31-8220
33
6.3
0.79
0.75
0.71
31-8225
47
6.3
0.79
0.77
0.73
31-8655
56
6.3
0.79
0.77
0.73
31-8660
100
6.3
0.79
0.77
0.73
25 Volts
31-8230
4.7
4
0.79
0.77
0.73
31-8235
10
5
0.79
0.77
0.73
31-8240
22
6.3
0.79
0.77
0.73
31-8245
33
6.3
0.79
0.75
0.71
31-8665
47
8
0.79
0.77
0.73
31-8670
56
8
0.79
0.77
0.73
31-8675
100
8
0.79
0.77
0.73
35 Volts
31-8680
2.2
3
0.79
0.77
0.73
31-8250
3.3
3
0.79
0.77
0.73
31-8255
4.7
4
0.79
0.77
0.73
31-8260
10
5
0.79
0.77
0.73
31-8265
22
6.3
0.79
0.77
0.73
31-8685
33
8
0.79
0.77
0.73
31-8690
47
8
0.79
0.77
0.73
50 Volts
31-8270
.1
4
0.79
0.77
0.73
31-8275
.22
4
0.79
0.77
0.73
31-8280
.33
4
0.79
0.77
0.73
31-8285
.47
4
0.79
0.77
0.73
31-8290
14
0.79
0.77
0.73
31-8295
2.2
4
0.79
0.77
0.73
31-8300
3.3
4
0.79
0.77
0.73
31-8305
4.7
5
0.79
0.77
0.73
31-8310
10
6.3
0.79
0.77
0.73
31-8695
22
8
0.79
0.77
0.73
31-8700
33
8
0.79
0.77
0.73
Ultra Miniature Radial Electrolytic Capacitors
•5mm high •Operating temperature: -40°C~+85°C
•Ideal for replacement in portable electronics
applications •Mfr: Nichicon
Order #
µF
(1-4)
(5-9)
(10-24)
4 Volts
31-8345
22
$0.40
$0.39
$0.37
31-8350
33
0.40
0.39
0.37
31-8355
47
0.40
0.39
0.37
31-8360
100
0.67
0.66
0.63
31-8365
220
0.95
0.93
0.89
31-8370
330
1.15
1.12
1.07
31-8375
470
1.30
1.28
1.22
6.3 Volts
31-8380
10
0.40
0.39
0.37
31-8385
22
0.40
0.39
0.37
31-8390
33
0.67
0.66
0.63
31-8395
47
0.67
0.66
0.63
31-8400
100
0.79
0.77
0.73
31-8405
220
1.15
1.12
1.07
31-8410
330
1.50
1.47
1.40
10 Volts
31-8415
10
0.40
0.39
0.37
31-8420
22
0.67
0.66
0.63
31-8425
33
0.75
0.73
0.70
31-8430
47
0.87
0.85
0.81
31-8435
100
1.15
1.12
1.07
31-8440
220
1.54
1.50
1.43
16 Volts
31-8445
4.7
0.40
0.39
0.37
31-8450
10
0.67
0.66
0.63
31-8455
22
0.99
0.97
0.92
31-8460
33
1.07
1.04
0.99
31-8465
47
1.19
1.16
1.10
31-8470
100
1.42
1.39
1.33
25 Volts
31-8475
3.3
0.40
0.39
0.37
31-8480
4.7
0.67
0.66
0.63
31-8485
10
0.79
0.77
0.73
31-8490
22
1.15
1.12
1.07
31-8495
33
1.23
1.19
1.14
31-8500
47
1.42
1.39
1.33
31-8505
100
1.58
1.54
1.47
35 Volts
31-8510
2.2
0.47
0.45
0.43
31-8515
3.3
0.67
0.66
0.63
31-8520
4.7
0.79
0.77
0.73
31-8525
10
0.99
0.94
0.89
31-8530
22
1.23
1.19
1.14
31-8535
33
1.30
1.28
1.22
31-8540
47
1.54
1.50
1.43
50 Volts
31-8545
0.1
0.40
0.39
0.37
31-8550
0.22
0.40
0.39
0.37
31-8555
0.33
0.40
0.39
0.37
31-8560
0.47
0.40
0.39
0.37
31-8565
1
0.47
0.45
0.43
31-8570
2.2
0.59
0.58
0.56
31-8575
3.3
0.67
0.66
0.63
31-8580
4.7
0.83
0.81
0.77
31-8585
10
1.15
1.12
1.07
31-8590
22
1.42
1.39
1.33
31-8595
33
1.54
1.50
1.43
Order #
(1-2)
(3-9)
(10-up)
5U4GB
$30.98
$25.69
$21.63
5Y3GT
10.95
9.85
8.87
6AQ5A
11.64
8.85
7.42
6AU6A
6.90
6.76
6.62
6BA6
4.99
4.59
4.19
6BL8
5.99
4.99
4.49
6BQ5
9.95
7.95
5.95
6CA7
23.56
18.55
14.67
6DJ8
15.99
15.97
15.97
6FQ7
14.49
13.76
13.07
6L6GC
13.59
10.61
8.44
Order #
(1-2)
(3-9)
(10-up)
6SN7GTB
$18.95
$18.02
$17.20
6U8A
4.69
3.65
2.89
6V6GTA
13.25
11.92
10.72
6X4
8.99
7.59
6.99
12AT7
6.97
6.75
6.75
12AU7A
7.97
6.27
4.90
12AX7A
8.99
8.09
7.28
12BH7A
19.55
15.29
12.14
12BY7A
23.00
17.46
13.85
50C5
10.95
10.40
9.36
5881
18.95
18.02
17.20
6550A
31.77
27.47
24.85
Electron Tubes
MCM’s comprehensive inventory provides a wide selection of recieving,
audio and communication tubes ready to ship immediately from stock.
Need a tube we don’t presently offer...give us a call and we will do our best to locate a source.
MCM delivers on all your tube needs. Note: Tube prices are unstable and subject to change.
Due to availability, manufacturers may vary.
Bennic
Audio Grade
Capacitors
Metalized polypropylene film capacitors are ideal
for crossover design, speaker upgrade or repair.
They are also useful in active audio filter and
coupling circuits. Utilized by speaker manufacturers
worldwide, Bennic XPP Series capacitors are known
for their outstanding performance/price ratio.
Features: •Voltage rating: 250WVDC (160VAC)
•Tolerance: 5% •Dissipation factor: <0.07% at 1KHz
•Operating temperature range: -40°C~+85°C
•Life test: 150% of rated working voltage at
105°C for 1,000 hours •Sold individually
Dimensions (mm)
Item #
Value
Diameter Length (1-9) (10-99) (100-up)
50-4530
0.1 µF
6
14
$0.45 $0.41
$0.37
50-4533
0.15 µF
6.5
14
0.45
0.41
0.37
50-4536
0.22 µF
7
19
0.45
0.41
0.37
50-4539
0.33 µF
8
19
0.45
0.41
0.37
50-4542
0.47 µF
8.5
25
0.49
0.45
0.40
50-4545
0.68 µF
10
25
0.59
0.55
0.48
50-4548
0.82 µF
10
32
0.59
0.55
0.48
50-4551
1.0 µF
10
32
0.69
0.63
0.55
50-4554
1.5 µF
12
32
0.75
0.70
0.62
50-4557
1.8 µF
13
32
0.95
0.89
0.78
50-4560
2.2 µF
14
32
1.05
0.98
0.87
50-4563
2.7 µF
16
32
1.19
1.10
0.98
50-4566
3.3 µF
17.5
32
1.69
1.58
1.39
50-4569
3.9 µF
18
32
1.69
1.57
1.39
50-4575
5.6 µF
21
36
2.29
2.09
1.89
50-4578
6.8 µF
19
46
2.19
2.03
1.80
50-4581
7.5 µF
20.5
46
2.39
2.21
1.97
50-4584
8.2 µF
21.5
46
2.69
2.49
2.21
50-4587
10.0 µF
24
46
3.09
2.86
2.54
50-4590
12.0 µF
23
46
3.49
3.23
2.87
50-4593
15.0 µF
25
46
4.09
3.79
3.37
Ceramic Molded Capacitors
•Operating temperature: -55°C ~125°C
•Tolerance: 10% •Radial lead •Type:
CK = MIL-C-11015, CKR = MIL-C-39014
•Dimensions: CK05 and CKR05 - .19" (H)
x .19" (L); CK06 and CKR06 - .29" (H)
x .29" (L) •Sorry-no mixing of values for
quantity pricing
Order #
µF
Type
(1-4)
(5-9)
(10-24)
50 Volts
31-4455
.022
CK05
$0.32
$0.28
$0.25
31-4460
.047
CK05
0.32
0.28
0.25
31-4465
.100
CK05
0.32
0.28
0.25
31-4480
.22
CK06
0.85
0.75
0.65
31-4485
.47
CK06
1.49
1.43
1.31
31-4490
1
CK06
2.03
1.86
1.65
31-4505
.100
CKR05
1.81
1.60
1.49
100 Volts
31-4445
.0047
CK05
0.32
0.32
0.20
31-4450
.010
CK05
0.32
0.32
0.20
31-4475
.100
CK06
0.38
0.34
0.29
31-4500
.010
CKR05
1.81
1.65
1.53
31-4515
.100
CKR06
1.70
1.65
1.43
200 Volts
31-4440
.001
CK05
0.26
0.23
0.21
31-4470
.010
CK06
0.32
-
-
31-4495
.001
CKR05
1.49
1.39
1.27
31-4510
.010
CKR06
0.63
0.63
0.60
C52_pg_361
8/17/07
5:19 PM
Page 361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com