Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRL545K Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SRL545K
Description  SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SRL545K Datasheet(HTML) 1 Page - Rectron Semiconductor

  SRL545K Datasheet HTML 1Page - Rectron Semiconductor SRL545K Datasheet HTML 2Page - Rectron Semiconductor SRL545K Datasheet HTML 3Page - Rectron Semiconductor SRL545K Datasheet HTML 4Page - Rectron Semiconductor SRL545K Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
D-PAK
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
5.0
150
60
3
Amps
0 C/W
0 C
Storage Temperature Range
R JA
R JC
IO
Operating Temperature Range
TJ
-55 to + 150
0 C
SRL545K
45
31.5
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. "ROHS compliant"
2019-10
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mA
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
0.1
10
@TA = 25
oC
@TA = 150
oC
.47
mA
UNITS
FEATURES
* High reliability
* Low switching loss
* Low forward voltage drop
* High current capability
* High switching capability
* Epoxy: Device has UL flammability classification 94V-O
* Case: Molded plastic
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting: position: Any
MECHANICAL DATA
.264 (6.7)
.248 (6.3)
.098 (2.5)
.083 (2.1)
.024 (0.6)
.016 (0.4)
.217 (5.5)
.201 (5.1)
.031 (0.8)
.016 (0.4)
.183 (4.65)
TYP .091
(2.30)
TYP .020
(0.50)
.179 (4.55)
PIN 1
PIN 2
PIN 3
HEATSINK
PIN1
PIN2
PIN3
I
2t
93.38
A
2S
Typical Current Squared Time
REV:O
-55 to + 150
SRL545K
VOLTAGE 45 Volts CURRENT 5.0 Amperes
45
SRL545K


Similar Part No. - SRL545K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SRL545 RECTRON-SRL545 Datasheet
381Kb / 5P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRL545K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com