Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCS-07 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # VCS-07
Description  COMPACT VERTICAL LIQUID LEVEL SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

VCS-07 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  VCS-07 Datasheet HTML 1Page - TE Connectivity Ltd VCS-07 Datasheet HTML 2Page - TE Connectivity Ltd VCS-07 Datasheet HTML 3Page - TE Connectivity Ltd VCS-07 Datasheet HTML 4Page - TE Connectivity Ltd VCS-07 Datasheet HTML 5Page - TE Connectivity Ltd VCS-07 Datasheet HTML 6Page - TE Connectivity Ltd VCS-07 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TE CONNECTIVITY SENSORS /// VCS SERIES
10/2020
Page 1
te.com
COMPACT VERTICAL
LIQUID LEVEL SENSORS
VCS Series
High- or low-level switching
N.O. or N.C. SPST output
Can be mounted in the bottom or top of a tank
Certified reed switch (UL component listed)
Choice of several non-reactive wetted materials
18 different configurations available
The VCS series of point liquid level switches demonstrates a high
degree of reliability due to the use of non-reactive wetted
components and a unique reed switch designed specifically for
level sensing applications. The sensor utilizes a moving float with
an embedded magnet to activate a reed switch located in the
sensor stem. As the liquid level passes the sensor, the float
moves up or down on the stem giving a normally closed or
normally open switch indication.
The reliability of this sensor results from a very simple operating
principle, a single moving part, media compatible wetted materials,
and a unique reed switch design that has a UL recognized
component certification.
The sensor mounts into the top or bottom of a liquid storage tank
from the inside (internal fitting) using either a 1/8” NPT or M8 x
1.25 threaded fitting. The output is a simple N.O. or N.C. SPST
reed switch that utilizes Ruthenium contact points for reliability.
Changing from a N.O contact to a N.C. output is done by removing
the float, inverting it and re-attaching. This change can be done in
the field. Electrical outputs are a single pair of wires with PVC
insulation and optional lengths of 100 mm or 600 mm.
Features
 Voltage rating up to 250VAC
 Current rating up to 1.0 amp
 Compact design and low profile
 Optional cable lengths
Applications
 Water and fuel storage tanks
 Full and/or empty detection
 Pump on/off controls
 Marine bilge and ballast tanks
 Flood detection and prevention
 Coolant level indication
 Livestock watering tanks
 Irrigation systems
 Water treatment plants
 Waste water tanks
 Chemical storage and processing
CLICK HERE ›
CONNECT WITH A SPECIALIST


Similar Part No. - VCS-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
LIQUID LEVEL SENSOR
More results

Similar Description - VCS-07

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LLE105000 HONEYWELL-LLE105000 Datasheet
91Kb / 4P
Liquid level sensors
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
logo
TE Connectivity Ltd
LCS TEC-LCS Datasheet
253Kb / 4P
HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
LS TEC-LS_V01 Datasheet
258Kb / 5P
HORIZONTAL LIQUID LEVEL SENSORS
EVS TEC-EVS Datasheet
292Kb / 4P
EXTENDED VERTICAL LIQUID LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com