Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPTPS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28375DPTPS
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPTPS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320F28375DPTPS Datasheet HTML 6Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 7Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 8Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 9Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 10Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 11Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 12Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 13Page - Texas Instruments TMS320F28375DPTPS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 226 page
background image
7 Terminal Configuration and Functions
7.1 Pin Diagrams
Figure 7-1 to Figure 7-4 show the terminal assignments on the 337-ball ZWT New Fine Pitch Ball Grid Array.
Each figure shows a quadrant of the terminal assignments. Figure 7-5 shows the pin assignments on the 176-pin
PTP PowerPAD Thermally Enhanced Low-Profile Quad Flatpack. Figure 7-6 shows the pin assignments on the
100-pin PZP PowerPAD Thermally Enhanced Thin Quad Flatpack.
W
V
U
T
R
P
N
M
L
K
10
9
8
7
6
5
4
3
2
1
6
5
4
3
2
1
VSS
VSSA
VSSA
VSSA
VSSA
VSSA
VDDA
VDDA
VREFHIB
VREFLOB
VREFHID
VREFLOD
VREFHIA
VREFHIC
VREFLOA
VREFLOC
W
V
U
T
GPIO129
GPIO125
GPIO23
GPIO24
GPIO25
GPIO26
GPIO27
GPIO108
GPIO107
GPIO106
GPIO111
GPIO112
GPIO110
GPIO109
GPIO114
GPIO113
GPIO122
ADCIND4
ADCIND2
ADCIND0
ADCIN14
ADCIN15
ADCINC5
ADCINC3
ADCINC2
ADCINA5
ADCINA3
ADCINA1
ADCINA0
ADCINA2
ADCINA4
ADCINC4
ADCIND1
ADCIND3
ADCINB4
ADCINB2
ADCINB0
ADCINB1
ADCINB3
ADCINB5
ADCIND5
GPIO123
GPIO124
GPIO126
GPIO127
GPIO128
GPIO130
GPIO131
GPIO116
R
P
VSS
VSS
VSS
VSS
VSS
VDD
VDD
VDD
VDDIO
VDDIO
VDDIO
VDDIO
VDDIO
VDDIO
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
10
9
8
M
L
K
N
M
L
K
10
9
8
7
A. Only the GPIO function is shown on GPIO terminals. See Section 7.2.1 for the complete, muxed signal name.
Figure 7-1. 337-Ball ZWT New Fine Pitch Ball Grid Array (Bottom View) – [Quadrant A]
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com