Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77650CEWVT Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX77650CEWVT
Description  Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77650CEWVT Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX77650CEWVT Datasheet HTML 35Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 36Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 37Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 38Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 39Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 40Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 41Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 42Page - Maxim Integrated Products MAX77650CEWVT Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
Global Resources
The global resources encompass a set of circuits that
serve the entire device and ensure safe, consistent, and
reliable operation.
Features and Benefits
● Voltage Monitors
• SYS POR (power-on-reset) comparator generates
a reset signal upon power-up
• SYS undervoltage ensures repeatable behavior when
power is applied to and removed from the device
• SYS overvoltage monitor inhibits operation with
overvoltage power sources to ensure reliability in
faulty environments
● Thermal Monitors
• 165°C junction temperature shutdown
● Manual Reset
• 8s or 16s period
● Wakeup Events
• Charger insertion (with 120ms debounce)
• nEN input assertion
● Interrupt Handler
• Interrupt output (nIRQ)
• All interrupts are maskable
● Push-button/Slide-Switch Onkey (nEN)
• Configurable push-button/slide-switch functionality
• 100μs or 30ms debounce timer interfaces directly
with mechanical switches
● On/Off Controller
• Startup/shut-down sequencing
• Programable sequencing delay
● PWR_HLD, GPIO, RST Digital I/Os
Voltage Monitors
The device monitors the system voltage (VSYS) to ensure
proper operation using three comparators (POR, UVLO,
and OVLO). These comparators include hysteresis to
prevent their outputs from toggling between states during
noisy system transitions.
SYS POR Comparator
The SYS POR comparator monitors VSYS and generates
a power-on reset signal (POR). When VSYS is below
VPOR, the device is held in reset (SYSRST = 1). When
VSYS rises above VPOR, internal signals and on-chip
memory stabilize and the device is released from reset
(SYSRST = 0).
SYS Undervoltage Lockout Comparator
The SYS undervoltage lockout (UVLO) comparator moni-
tors VSYS and generates a SYSUVLO signal when the
VSYS falls below UVLO threshold. The SYSUVLO signal
is provided to the top-level digital controller. See Figure 4
and Table 2 for additional information regarding the UVLO
comparator:
● When the device is in the STANDBY state, the UVLO
comparator is disabled.
● When transitioning out of the STANDBY state, the
UVLO comparator is enabled allowing the device to
check for sufficient input voltage. If the device has
sufficient input voltage, it can transition to the on
state; if there is insufficient input voltage, the device
transitions back to the STANDBY state.
SYS Overvoltage Lockout Comparator
The device is rated for 5.5V maximum operating voltage
(VSYS) with an absolute maximum input voltage of 6.0V.
An overvoltage lockout monitor increases the robustness
of the device by inhibiting operation when the supply volt-
age is greater than VSYSOVLO. See Figure 4 and Table 2
for additional information regarding the OVLO comparator:
● When the device is in the STANDBY state, the OVLO
comparator is disabled.
nEN Enable Input
nEN is an active-low internally debounced digital input
that typically comes from the system’s on key. The
debounce time is programmable with DBEN_nEN. The
primary purpose of this input is to generate a wake-up
signal for the PMIC that turns on the regulators. Maskable
rising/falling interrupts are available for nEN (nEN_R and
nEN_F) for alternate functionality. nEN requires an exter-
nal pullup resistor (10kΩ to 100kΩ) to SYS.
The nEN input can be configured to work either with a
push-button (nEN_MODE = 0) or a slide-switch (nEN_
MODE = 1). See Figure 2 for more information. In both
push-button mode and slide-switch mode, the on/off con-
troller looks for a falling edge on the nEN input to initiate
a power-up sequence.
nEN Manual Reset
nEN works as a manual reset input when the on/off con-
troller is in the on via on/off controller state. The manual
reset function is useful for forcing a power-down in case
the communication with the processor fails. When nEN is
configured for a push-button mode and the input is assert-
ed (nEN = low) for an extended period (tMRST), the on/off
controller initiates a power-down sequence and goes to
standby mode. When nEN is configured for a slide-switch
mode and the input is deasserted (nEN = high) for an
extended period (tMRST), the on/off controller initiates a
power-down sequence and goes to standby mode.
A dedicated internal oscillator is used to create the 30ms
(tDBNC_nEN) and 16s (tMRST) timers for nEN. Whenever
the device is actively counting either of these times, the
www.maximintegrated.com
Maxim Integrated │ 39
MAX77650/MAX77651
Ultra-Low Power PMIC with 3-Output SIMO
and Power Path Charger for Small Li+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com