Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC05-BD4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCC05-BD4
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-BD4 Datasheet(HTML) 5 Page - STMicroelectronics

  STCC05-BD4 Datasheet HTML 1Page - STMicroelectronics STCC05-BD4 Datasheet HTML 2Page - STMicroelectronics STCC05-BD4 Datasheet HTML 3Page - STMicroelectronics STCC05-BD4 Datasheet HTML 4Page - STMicroelectronics STCC05-BD4 Datasheet HTML 5Page - STMicroelectronics STCC05-BD4 Datasheet HTML 6Page - STMicroelectronics STCC05-BD4 Datasheet HTML 7Page - STMicroelectronics STCC05-BD4 Datasheet HTML 8Page - STMicroelectronics STCC05-BD4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STCC05-B
5/13
Table 2: Absolute Ratings (limiting values)
Table 3: Electromagnetic Compatibility Ratings
(TJ = 25°C, according to typical application diagram of page 1, unless otherwise specified)
Table 4: Thermal Resistance
Symbol
Pin
Parameter name & conditions
Value
Unit
VDD
VDD
Output supply voltage
- 0.3 to 6
V
VPS
VPS, INS
Power supply voltage, level shifter input
- 0.3 to 20
V
VSYN
SYN
ZVS input voltage, RZV = 15k
Ω
- 1 to 20
V
VMO
BZ1, BZ2,
RLx, x = 1 to 4
Output voltage
- 0.3 to
VPS + 0.3
V
VI
IN1, IN2, IN3
Input logic voltage
- 0.3 to
VDD + 0.3
V
VO
ZVS, OUTS, /RST
Output logic voltage
- 0.3 to
VDD + 0.3
V
IM
VPS
Maximum sourced current pulse, tp = 10ms
500
mA
RLx, x = 1 to 3
Maximum sunk driver current pulse, tp = 10ms
60
mA
Maximum DC sunk current
50
mA
RL4
Maximum sunk driver current pulse, tp = 10ms
160
mA
Maximum DC sunk current
150
mA
RLx, x = 1 to 4
Maximum diver diode reverse current
1
mA
IBZ AV
BZ1, BZ2
Average output current
± 2
mA
IBZ PK
BZ1, BZ2
Peak output current, tp = 50µs
± 50
mA
ΣIM
RLx, l = 1 to 4
Maximum DC sunk current in all relay drivers
VPS = 16V, TAMB= 70°C, IDD= 50mA, DIP-20
220
mA
Maximum DC sunk current in all relay drivers
VPS = 16V, TAMB= 85°C, IDD= 25mA, DIP-20
300
PDIS
All
Maximum dissipation, DIP-20, TAMB= 70°C
0.90
W
TAMB
AII
Operating ambient temperature
- 20 to 85
°C
TJ
All
Operating junction temperature
- 10 to 150
°C
Storage junction temperature
- 25 to 150
°C
Symbol
Node
Parameter name & conditions
Value
Unit
VESD
All pins
ESD protection, MIL-STD 883 method 3015, HBM model
± 2
kV
VESD
INS, SYN,
VPS, VDD
ESD protection, IEC 61000-4-2, per intput, in air (1)
± 2
ESD protection, IEC 61000-4-2, per intput, in contact (1)
± 2
VPPB
All pins
Total peak pulse voltage Burst, IEC 61000-4-4, (2)
± 4
Note 1: System oriented test circuit with RZV = 15kΩ, RINS = 2.2kΩ and CDD = CPS = 100nF
Note 2: System oriented test circuit; refer to application section
Symbol
Parameter
Value
Unit
Rth(j-a)
DIP-20 thermal resistance junction to ambient
Single PCB with a copper thickness = 35µm and surface SCU = 0.5cm2
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com