Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8200 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8200
Description  40MSPS ADC with PGA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8200 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
w
WM8200-10/12
40MSPS ADC with PGA
WOLFSON MICROELECTRONICS LTD
www.wolfsonmicro.com
Product Preview March 2002, Rev 1.22
Copyright
2002 Wolfson Microelectronics Ltd.
DESCRIPTION
The WM8200 is a CMOS high speed, low power, pipeline
analogue-to-digital converter (ADC) with 10 or 12-bit output
options. It also has an on-chip programmable gain amplifier
(PGA), dc clamp circuit and internal voltage references.
Conversion is controlled by a single clock input.
The device has a high bandwidth differential sample and hold
input, which gives excellent common-mode noise immunity
and low distortion.
Alternatively, it can be driven in single
ended fashion with an optional voltage clamp for dc
restoration that can take its reference from an on-chip 10-bit
DAC.
The WM8200 provides internal reference voltages for setting
the ADC full-scale range without the requirement for external
circuitry. However, it can also accept external references for
applications where shared or high-precision references are
required.
A 3-wire serial interface is used to control the device and a
10 or 12-bit parallel interface is to read ADC conversion data.
ADC data can be output in unsigned binary or two’s
complement format.
The WM8200 operates with a single 3V supply and is
supplied in a 28-lead QFN package.
FEATURES
•
10 or 12-bit resolution ADC
•
40MSPS conversion rate
•
Programmable Gain Amplifier (PGA)
•
Adjustable internal voltage references
•
Built in clamp function (dc restore) with 10-bit DAC
•
Wide Input Bandwidth - 900MHz
•
Unsigned Binary or Two’s complement output format
•
Programmable via 3-wire serial MPU interface
•
Single 3V supply operation
•
Low power - 100mW typical at 3.0V supplies
•
Powerdown mode to <0.1mW typical
•
28 lead QFN package
APPLICATIONS
•
Digital Still Cameras
•
Composite Video Digitisation
•
Digital Copiers
•
Digital Video Cameras
BLOCK DIAGRAM
AINP
ON-CHIP
REFERENCE
GENERATOR
ADC
Core
S/H
PGA
AINN
DO[9:0] WM8200-10
or
DO[11:0] WM8200-12
OUTPUT
BUFFERS
MODE
REFSENSE
AGND
AVDD
REFB
REFT
DGND
DVDD
SDIN
TIMING
CONTROL
CLK
VREF
WM8200
CSB
SCLK
CLAMP
AMPLIFIER
CLAMP
REGISTERS
CONTROL
CLAMP
LEVEL
DAC
ADC
CORE


Similar Part No. - WM8200

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8213 CIRRUS-WM8213 Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
logo
Wolfson Microelectronic...
WM8213SCDR WOLFSON-WM8213SCDR Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213SCDS WOLFSON-WM8213SCDS Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213SCDS/RV WOLFSON-WM8213SCDS/RV Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
More results

Similar Description - WM8200

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
LOW POWER 20 BIT ADC WITH PGA
logo
Analog Devices
AD1555 AD-AD1555 Datasheet
429Kb / 24P
24-Bit ADC WITH LOW NOISE PGA
REV.B
logo
Maxim Integrated Produc...
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
40Msps, 12-Bit ADC
Rev 0; 5/04
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
Low Power 20bit ?誇 ADC with PGA
logo
Analog Devices
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
Low Power 20bit ADC with PGA
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com