Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3017 Datasheet(PDF) 2 Page - IMP, Inc

Part # C3017
Description  10 Volt Analog Mixed Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C3017 Datasheet(HTML) 2 Page - IMP, Inc

  C3017 Datasheet HTML 1Page - IMP, Inc C3017 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
92
C3017-4-98
Process C3017
Starting Material
P <100>
N+/P+ Width/Space
3.0 / 3.0
µm
Starting Mat. Resistivity
15 - 25
Ω-cm
N+ To P+ Space
12
µm
Typ. Operating Voltage
10V
Contact To Poly Space
2.5
µm
Well Type
P-well
Contact Overlap Of Diffusion
1.5
µm
Metal Layers
2
Contact Overlap Of Poly
1.0
µm
Poly Layers
2
Metal-1 Overlap Of Contact
1.0
µm
Contact Size
2.0x2.0
µm
Metal-1 Overlap Of Via
1.75
µm
Via Size
2.0x2.0
µm
Metal-2 Overlap Of Via
1.5
µm
Metal-1 Width/Space
3.5 / 2.5
µm
Minimum Pad Opening
100x100
µm
Metal-2 Width/Space
5.0 / 3.0
µm
Minimum Pad-to-Pad Spacing
5.0
µm
Gate Poly Width/Space
4.0 / 2.5
µm
Minimum Pad Pitch
80.0
µm
Special Feature of C3017 Process: P-well analog process with double metal CMOS 3.0
µm
technology.
Physical Characteristics
5
4
3
2
1
0
0123456789
10
ID vsVD, W/L = 20/4.0
Drain Voltage (v) VDS
n-ch Transistor IV characteristics of a 20/4.0 device
VGS = 10V
VGS = 9.0V
VGS = 8.0V
VGS = 7.0V
VGS = 6.0V
VGS = 5.0V
VGS = 4.0V
VGS = 3.0V
VGS = 2.0V
-3
-2.5
-2
-1.5
-1
-.5
0
0123456789
10
ID vsVD, W/L = 20/4.0
Drain Voltage (v) VDS
p-ch Transistor IV characteristics of a 20/4.0 device
VGS = -10V
VGS = -9.0V
VGS = -8.0V
VGS = -7.0V
VGS = -6.0V
VGS = -5.0V
VGS = -4.0V
VGS = -3.0V
VGS = -2.0V
Cross-sectional view of the C3017 process
Second metal
SIO2
LTO
p+
p+
p+
n+
p
Field Oxide
Poly gate
p-well
VIA
Metal 1
N+ substrate
n+
n+
A1
p
p
SIO2
n-epi



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com