Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEXC Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MEXC
Description  Final Control Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEXC Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MEXC Datasheet HTML 1Page - M-System Co.,Ltd. MEXC Datasheet HTML 2Page - M-System Co.,Ltd. MEXC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MEX-C
MEX-C SPECIFICATIONS
ES-4615 Rev.9 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
6
4
2
7
8
U
V
+
–
+
–
–
3
Amplifier
Base Socket
POWER
Output
Driver
Timer
Compa-
rator
10
11
9
FEEDBACK
POTENTIOMETER
max.
min.
+
A
100Ω
DEADBAND
ADJ.
TIMER
SETPOINT
RE-TRANSMITTED OUTPUT
3-PHASE SSR
3-PHASE SSR
S
Z
max.
3-PHASE MOTOR
M
U
V
W
+
+
min.
Ref. Volt.
Generator
Voltage
Amplifier
1
5mA
Constant
5mA
Constant
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com