Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP120NF04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP120NF04
Description  N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120NF04 Datasheet(HTML) 3 Page - STMicroelectronics

  STP120NF04 Datasheet HTML 1Page - STMicroelectronics STP120NF04 Datasheet HTML 2Page - STMicroelectronics STP120NF04 Datasheet HTML 3Page - STMicroelectronics STP120NF04 Datasheet HTML 4Page - STMicroelectronics STP120NF04 Datasheet HTML 5Page - STMicroelectronics STP120NF04 Datasheet HTML 6Page - STMicroelectronics STP120NF04 Datasheet HTML 7Page - STMicroelectronics STP120NF04 Datasheet HTML 8Page - STMicroelectronics STP120NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STP120NF04
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 7: Switching On
Table 8: Switching
Table 9: Source Drain Diode
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 20 V, ID = 60 A
RG =4.7Ω VGS = 10 V
(see, Figure 20)
35
220
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 32V, ID = 120 A,
VGS = 10V
(see, Figure 22)
110
35
35
150
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 20 V, ID = 60 A
RG =4.7Ω VGS = 10 V
( see Figure 20 )
80
50
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
120
480
A
A
VSD (1)
Forward On Voltage
ISD = 120 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 120 A, di/dt = 100A/µs
VDD = 20V, Tj = 150°C
(see test circuit, Figure 21)
75
185
5
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com