Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7815ACC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TH7815ACC
Description  50 MHz 4096 Linear CCDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7815ACC Datasheet(HTML) 2 Page - ATMEL Corporation

  TH7815ACC Datasheet HTML 1Page - ATMEL Corporation TH7815ACC Datasheet HTML 2Page - ATMEL Corporation TH7815ACC Datasheet HTML 3Page - ATMEL Corporation TH7815ACC Datasheet HTML 4Page - ATMEL Corporation TH7815ACC Datasheet HTML 5Page - ATMEL Corporation TH7815ACC Datasheet HTML 6Page - ATMEL Corporation TH7815ACC Datasheet HTML 7Page - ATMEL Corporation TH7815ACC Datasheet HTML 8Page - ATMEL Corporation TH7815ACC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
TH7815ACC
1995A–IMAGE–04/02
Operating
Precautions
Shorting the video outputs to any other pin, even temporarily, can permanently damage
the on-chip output amplifier.
Absolute Maximum Ratings*
Storage Temperature Range ......................... -55°C to +150°C
Note:
Stresses above those listed under absolute maximum
ratings may cause permanent device failure. Func-
tionally at or above these limits is not implied.
Exposure to absolute maximum ratings for extended
periods may affect device reliability.
–
Operating range defines the limits within
which the functionality is guaranteed.
–
Electrical limits of applied signals are given
in operating conditions section.
Operating Temperature Range........................ -40°C to +85°C
Thermal Cycling........................................................ 15°C/min
Maximum Applied Voltages:
• Pins 2, 8, 10, 11, 13, 14, 15 ................................. -0.3 to 15V
• Pins 4, 5, 7, 17, 20 .............................................. -0.3 to 16V
• Pins 1, 6, 9, 12, 16, 19 ........................................0V (ground)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com