Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMXRT1010CEC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IMXRT1010CEC
Description  i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1010CEC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IMXRT1010CEC Datasheet HTML 3Page - NXP Semiconductors IMXRT1010CEC Datasheet HTML 4Page - NXP Semiconductors IMXRT1010CEC Datasheet HTML 5Page - NXP Semiconductors IMXRT1010CEC Datasheet HTML 6Page - NXP Semiconductors IMXRT1010CEC Datasheet HTML 7Page - NXP Semiconductors IMXRT1010CEC Datasheet HTML 8Page - NXP Semiconductors IMXRT1010CEC Datasheet HTML 9Page - NXP Semiconductors IMXRT1010CEC Datasheet HTML 10Page - NXP Semiconductors IMXRT1010CEC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
Modules list
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 09/2019
NXP Semiconductors
7
3
Modules list
The i.MX RT1010 processors contain a variety of digital and analog modules. Table 2 describes these
modules in alphabetical order.
Table 2. i.MX RT1010 modules list
Block mnemonic
Block name
Subsystem
Brief description
ADC1
Analog to Digital
Converter
Analog
The ADC is a 12-bit general purpose analog to digital
converter.
ADC_ETC
ADC External Trigger
Control
Analog
The ADC_ETC enables multiple users to share an ADC
module in a Time-Division-Multiplexing (TDM) way.
AOI
And-Or-Inverter
Cross Trigger
The AOI provides a universal boolean function
generator with using a four team sum of products
expression, for each product term containing true or
complement values of the four selected inputs (A, B, C,
D).
Arm
Arm Platform
Arm
The Arm Core Platform includes 1x Cortex-M7 core. It
also includes associated sub-blocks, such as Nested
Vectored Interrupt Controller (NVIC), Floating-Point
Unit (FPU), Memory Protection Unit (MPU), and
CoreSight debug modules.
CCM
GPC
SRC
Clock Control Module,
General Power
Controller, System Reset
Controller
Clocks, Resets, and
Power Control
These modules are responsible for clock and reset
distribution in the system, and also for the system
power management.
CSU
Central Security Unit
Security
The Central Security Unit (CSU) is responsible for
setting comprehensive security policy within the i.MX
RT1010 platform.
DAP
Debug Access Port
System Control
Peripherals
The DAP provides real-time access for the debugger
without halting the core to:
• System memory and peripheral registers
• All debug configuration registers
The DAP also provides debugger access to JTAG scan
chains. The DAP module is internal to the Cortex-M7
Core Platform.
DCDC
DCDC Converter
Analog
The DCDC module is used for generating power supply
for core logic. Main features are:
• Adjustable high efficiency regulator
• Supports 3.3 V input voltage
• Supports nominal run and low power standby modes
• Supports at 0.9 ~ 1.3 V output in run mode
• Supports at 0.9 ~ 1.0 V output in standby mode
• Over current and over voltage detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com