Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78M33CDCY Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UA78M33CDCY
Description  POSITIVE-VOLTAGE REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M33CDCY Datasheet(HTML) 1 Page - Texas Instruments

  UA78M33CDCY Datasheet HTML 1Page - Texas Instruments UA78M33CDCY Datasheet HTML 2Page - Texas Instruments UA78M33CDCY Datasheet HTML 3Page - Texas Instruments UA78M33CDCY Datasheet HTML 4Page - Texas Instruments UA78M33CDCY Datasheet HTML 5Page - Texas Instruments UA78M33CDCY Datasheet HTML 6Page - Texas Instruments UA78M33CDCY Datasheet HTML 7Page - Texas Instruments UA78M33CDCY Datasheet HTML 8Page - Texas Instruments UA78M33CDCY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059I – JUNE 1976 – REVISED NOVEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 3-Terminal Regulators
D Output Current up to 500 mA
D No External Components
D Internal Thermal-Overload Protection
D High Power-Dissipation Capability
D Internal Short-Circuit Current Limiting
D Output Transistor Safe-Area Compensation
KTP PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
DCY (SOT-223) PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
COMMON
OUTPUT
KC (TO-220) PACKAGE
(TOP VIEW)
INPUT
COMMON
OUTPUT
KCS (TO-220) PACKAGE
(TOP VIEW)
INPUT
description/ordering information
This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications.
These applications include on-card regulation for elimination of noise and distribution problems associated with
single-point regulation. Each of these regulators can deliver up to 500 mA of output current. The internal
current-limiting and thermal-shutdown features of these regulators essentially make them immune to overload.
In addition to use as fixed-voltage regulators, these devices can be used with external components to obtain
adjustable output voltages and currents, and also as the power-pass element in precision regulators.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - UA78M33CDCY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M33CDCY TI-UA78M33CDCY Datasheet
272Kb / 13P
POSITIVE-VOLTAGE REGULATORS
UA78M33CDCY TI-UA78M33CDCY Datasheet
418Kb / 18P
POSITIVE-VOLTAGE REGULATORS
UA78M33CDCY TI-UA78M33CDCY Datasheet
480Kb / 21P
POSITIVE-VOLTAGE REGULATORS
UA78M33CDCY TI-UA78M33CDCY Datasheet
563Kb / 20P
POSITIVE-VOLTAGE REGULATORS
UA78M33CDCY TI1-UA78M33CDCY Datasheet
1Mb / 30P
Positive-Voltage Regulators
More results

Similar Description - UA78M33CDCY

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com